Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 370 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 370 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic WM8281ECS/R Datasheet HTML 374Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 392 page
background image
WM8281
370
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2785281
(2A_8001h)
DSP2 YM 1
DSP2_YM_0 [15:0]
0000h
R2785282
(2A_8002h)
DSP2 YM 2
0
0
0
0
0
0
0
0
DSP2_YM_1 [23:16]
0000h
R2785283
(2A_8003h)
DSP2 YM 3
DSP2_YM_1 [15:0]
0000h
(Similar for DSP2 Y Data Memory 2 … 24574)
R2834430
(2B_3FFEh)
DSP2 YM 49150
0
0
0
0
0
0
0
0
DSP2_YM_24575 [23:16]
0000h
R2834431
(2B_3FFFh)
DSP2 YM 49151
DSP2_YM_24575 [15:0]
0000h
DSP3 Firmware Memory
R3145728
(30_0000h)
DSP3 PM 0
0
0
0
0
0
0
0
0
DSP3_PM_0 [39:32]
0000h
R3145729
(30_0001h)
DSP3 PM 1
DSP3_PM_0 [31:16]
0000h
R3145730
(30_0002h)
DSP3 PM 2
DSP3_PM_0 [15:0]
0000h
R3145731
(30_0003h)
DSP3 PM 3
0
0
0
0
0
0
0
0
DSP3_PM_1 [39:32]
0000h
R3145732
(30_0004h)
DSP3 PM 4
DSP3_PM_1 [31:16]
0000h
R3145733
(30_0005h)
DSP3 PM 5
DSP3_PM_1 [15:0]
0000h
(Similar for DSP3 Program Memory 2 … 20478)
R3207165
(30_EFFDh)
DSP3 PM 61437
0
0
0
0
0
0
0
0
DSP3_PM_20479 [39:32]
0000h
R3207166
(30_EFFEh)
DSP3 PM 61438
DSP3_PM_20479 [31:16]
0000h
R3207167
(30_EFFFh)
DSP3 PM 61439
DSP3_PM_20479 [15:0]
0000h
R3670016
(38_0000h)
DSP3 ZM 0
0
0
0
0
0
0
0
0
DSP3_ZM_0 [23:16]
0000h
R3670017
(38_0001h)
DSP3 ZM 1
DSP3_ZM_0 [15:0]
0000h
R3670018
(38_0002h)
DSP3 ZM 2
0
0
0
0
0
0
0
0
DSP3_ZM_1 [23:16]
0000h
R3670019
(38_0003h)
DSP3 ZM 3
DSP3_ZM_1 [15:0]
0000h
(Similar for DSP3 Coefficient Memory 2 … 4094)
R3678206
(38_1FFEh)
DSP3 ZM 8190
0
0
0
0
0
0
0
0
DSP3_ZM_4095 [23:16]
0000h
R3678207
(38_1FFFh)
DSP3 ZM 8191
DSP3_ZM_4095 [15:0]
0000h
R3735552
(39_0000h)
DSP3 XM 0
0
0
0
0
0
0
0
0
DSP3_XM_0 [23:16]
0000h
R3735553
(39_0001h)
DSP3 XM 1
DSP3_XM_0 [15:0]
0000h
R3735554
(39_0002h)
DSP3 XM 2
0
0
0
0
0
0
0
0
DSP3_XM_1 [23:16]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com