Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 371 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 371 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic WM8281ECS/R Datasheet HTML 374Page - Cirrus Logic WM8281ECS/R Datasheet HTML 375Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 392 page
background image
WM8281
Rev 4.0
371
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3735555
(39_0003h)
DSP3 XM 3
DSP3_XM_1 [15:0]
0000h
(Similar for DSP3 X Data Memory 2 … 36864)
R3809278
(3A_1FFEh)
DSP3 XM 73726
0
0
0
0
0
0
0
0
DSP3_XM_36865 [23:16]
0000h
R3809279
(3A_1FFFh)
DSP3 XM 73727
DSP3_XM_36865 [15:0]
0000h
R3825664
(3A_6000h)
DSP3 XM EXT 0
0
0
0
0
0
0
0
0
DSP3_XM_EXT_0 [23:16]
0000h
R3825665
(3A_6001h)
DSP3 XM EXT 1
DSP3_XM_EXT_0 [15:0]
0000h
R3825666
(3A_6002h)
DSP3 XM EXT 2
0
0
0
0
0
0
0
0
DSP3_XM_EXT_1 [23:16]
0000h
R3825667
(3A_6003h)
DSP3 XM EXT 3
DSP3_XM_EXT_1 [15:0]
0000h
(Similar for DSP3 X Data Memory 2 … 4094)
R3833854
(3A_7FFEh)
DSP3 XM EXT
8190
0
0
0
0
0
0
0
0
DSP3_XM_EXT_4095 [23:16]
0000h
R3833855
(3A_7FFFh)
DSP3 XM EXT
8191
DSP3_XM_EXT_4095 [15:0]
0000h
R3833856
(3A_8000h)
DSP3 YM 0
0
0
0
0
0
0
0
0
DSP3_YM_0 [23:16]
0000h
R3833857
(3A_8001h)
DSP3 YM 1
DSP3_YM_0 [15:0]
0000h
R3833858
(3A_8002h)
DSP3 YM 2
0
0
0
0
0
0
0
0
DSP3_YM_1 [23:16]
0000h
R3833859
(3A_8003h)
DSP3 YM 3
DSP3_YM_1 [15:0]
0000h
(Similar for DSP3 Y Data Memory 2 … 24574)
R3883006
(3B_3FFEh)
DSP3 YM 49150
0
0
0
0
0
0
0
0
DSP3_YM_24575 [23:16]
0000h
R3883007
(3B_3FFFh)
DSP3 YM 49151
DSP3_YM_24575 [15:0]
0000h
DSP4 Firmware Memory
R4194304
(40_0000h)
DSP4 PM 0
0
0
0
0
0
0
0
0
DSP4_PM_0 [39:32]
0000h
R4194305
(40_0001h)
DSP4 PM 1
DSP4_PM_0 [31:16]
0000h
R4194306
(40_0002h)
DSP4 PM 2
DSP4_PM_0 [15:0]
0000h
R4194307
(40_0003h)
DSP4 PM 3
0
0
0
0
0
0
0
0
DSP4_PM_1 [39:32]
0000h
R4194308
(40_0004h)
DSP4 PM 4
DSP4_PM_1 [31:16]
0000h
R4194309
(40_0005h)
DSP4 PM 5
DSP4_PM_1 [15:0]
0000h
(Similar for DSP4 Program Memory 2 … 8190)
R4218877
(40_5FFDh)
DSP4 PM 24573
0
0
0
0
0
0
0
0
DSP4_PM_8191 [39:32]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com