Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 368 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 368 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 392 page
background image
WM8281
368
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1073151
(10_5FFFh)
DSP1 PM 24575
DSP1_PM_8191 [15:0]
0000h
R1572864
(18_0000h)
DSP1 ZM 0
0
0
0
0
0
0
0
0
DSP1_ZM_0 [23:16]
0000h
R1572865
(18_0001h)
DSP1 ZM 1
DSP1_ZM_0 [15:0]
0000h
R1572866
(18_0002h)
DSP1 ZM 2
0
0
0
0
0
0
0
0
DSP1_ZM_1 [23:16]
0000h
R1572867
(18_0003h)
DSP1 ZM 3
DSP1_ZM_1 [15:0]
0000h
(Similar for DSP1 Coefficient Memory 2 … 4094)
R1581054
(18_1FFEh)
DSP1 ZM 8190
0
0
0
0
0
0
0
0
DSP1_ZM_4095 [23:16]
0000h
R1581055
(18_1FFFh)
DSP1 ZM 8191
DSP1_ZM_4095 [15:0]
0000h
R1638400
(19_0000h)
DSP1 XM 0
0
0
0
0
0
0
0
0
DSP1_XM_0 [23:16]
0000h
R1638401
(19_0001h)
DSP1 XM 1
DSP1_XM_0 [15:0]
0000h
R1638402
(19_0002h)
DSP1 XM 2
0
0
0
0
0
0
0
0
DSP1_XM_1 [23:16]
0000h
R1638403
(19_0003h)
DSP1 XM 3
DSP1_XM_1 [15:0]
0000h
(Similar for DSP1 X Data Memory 2 … 16382)
R1671166
(19_7FFEh)
DSP1 XM 32766
0
0
0
0
0
0
0
0
DSP1_XM_16383 [23:16]
0000h
R1671167
(19_7FFFh)
DSP1 XM 32767
DSP1_XM_16383 [15:0]
0000h
R1736704
(1A_8000h)
DSP1 YM 0
0
0
0
0
0
0
0
0
DSP1_YM_0 [23:16]
0000h
R1736705
(1A_8001h)
DSP1 YM 1
DSP1_YM_0 [15:0]
0000h
R1736706
(1A_8002h)
DSP1 YM 2
0
0
0
0
0
0
0
0
DSP1_YM_1 [23:16]
0000h
R1736707
(1A_8003h)
DSP1 YM 3
DSP1_YM_1 [15:0]
0000h
(Similar for DSP1 Y Data Memory 2 … 4094)
R1744894
(1A_9FFEh)
DSP1 YM 8190
0
0
0
0
0
0
0
0
DSP1_YM_4095 [23:16]
0000h
R1744895
(1A_9FFFh)
DSP1 YM 8191
DSP1_YM_4095 [15:0]
0000h
DSP2 Firmware Memory
R2097152
(20_0000h)
DSP2 PM 0
0
0
0
0
0
0
0
0
DSP2_PM_0 [39:32]
0000h
R2097153
(20_0001h)
DSP2 PM 1
DSP2_PM_0 [31:16]
0000h
R2097154
(20_0002h)
DSP2 PM 2
DSP2_PM_0 [15:0]
0000h
R2097155
(20_0003h)
DSP2 PM 3
0
0
0
0
0
0
0
0
DSP2_PM_1 [39:32]
0000h
R2097156
(20_0004h)
DSP2 PM 4
DSP2_PM_1 [31:16]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com