Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 366 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 366 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 392 page
background image
WM8281
366
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R4916
(1334h)
DSP3 RDMA
Config 1
0
0
0
0
0
0
0
0
0
0
DSP3_RDMA_CHANNEL_ENABLE [5:0]
0000h
R4917
(1335h)
DSP3 RDMA
Offset 1
0
0
0
0
0
0
0
0
0
0
DSP3_RDMA_CHANNEL_OFFSET [5:0]
0000h
R4920
(1338h)
DSP3 External
Start Select 1
0
0
0
0
0
0
0
0
0
0
0
0
DSP3_START_IN_SEL [3:0]
0000h
R4928
(1340h)
DSP3 Scratch 0
DSP3_SCRATCH_0 [15:0]
0000h
R4929
(1341h)
DSP3 Scratch 1
DSP3_SCRATCH_1 [15:0]
0000h
R4930
(1342h)
DSP3 Scratch 2
DSP3_SCRATCH_2 [15:0]
0000h
R4931
(1343h)
DSP3 Scratch 3
DSP3_SCRATCH_3 [15:0]
0000h
R5120
(1400h)
DSP4 Control 1
0
DSP4_RATE [3:0]
0
0
0
0
0
0
DSP4_
MEM_
ENA
DSP4_
DBG_
CLK_E
NA
DSP4_
SYS_E
NA
DSP4_
CORE
_ENA
DSP4_
START
0010h
R5121
(1401h)
DSP4 Clocking 1
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP4_CLK_SEL [2:0]
0000h
R5124
(1404h)
DSP4 Status 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP4_
RAM_
RDY
0000h
R5125
(1405h)
DSP4 Status 2
DSP4_
PING_
FULL
DSP4_
PONG
_FULL
0
0
0
0
0
0
DSP4_WDMA_ACTIVE_CHANNELS [7:0]
0000h
R5126
(1406h)
DSP4 Status 3
0
0
0
0
0
0
0
0
0
0
0
0
DSP4_CLK_SEL_STS
[2:0]
DSP4_
CLK_A
VAIL
0000h
R5136
(1410h)
DSP4 WDMA
Buffer 1
DSP4_START_ADDRESS_WDMA_BUFFER_0 [15:0]
0000h
R5137
(1411h)
DSP4 WDMA
Buffer 2
DSP4_START_ADDRESS_WDMA_BUFFER_1 [15:0]
0000h
R5138
(1412h)
DSP4 WDMA
Buffer 3
DSP4_START_ADDRESS_WDMA_BUFFER_2 [15:0]
0000h
R5139
(1413h)
DSP4 WDMA
Buffer 4
DSP4_START_ADDRESS_WDMA_BUFFER_3 [15:0]
0000h
R5140
(1414h)
DSP4 WDMA
Buffer 5
DSP4_START_ADDRESS_WDMA_BUFFER_4 [15:0]
0000h
R5141
(1415h)
DSP4 WDMA
Buffer 6
DSP4_START_ADDRESS_WDMA_BUFFER_5 [15:0]
0000h
R5142
(1416h)
DSP4 WDMA
Buffer 7
DSP4_START_ADDRESS_WDMA_BUFFER_6 [15:0]
0000h
R5143
(1417h)
DSP4 WDMA
Buffer 8
DSP4_START_ADDRESS_WDMA_BUFFER_7 [15:0]
0000h
R5152
(1420h)
DSP4 RDMA
Buffer 1
DSP4_START_ADDRESS_RDMA_BUFFER_0 [15:0]
0000h
R5153
(1421h)
DSP4 RDMA
Buffer 2
DSP4_START_ADDRESS_RDMA_BUFFER_1 [15:0]
0000h
R5154
(1422h)
DSP4 RDMA
Buffer 3
DSP4_START_ADDRESS_RDMA_BUFFER_2 [15:0]
0000h
R5155
(1423h)
DSP4 RDMA
Buffer 4
DSP4_START_ADDRESS_RDMA_BUFFER_3 [15:0]
0000h
R5156
(1424h)
DSP4 RDMA
Buffer 5
DSP4_START_ADDRESS_RDMA_BUFFER_4 [15:0]
0000h
R5157
(1425h)
DSP4 RDMA
Buffer 6
DSP4_START_ADDRESS_RDMA_BUFFER_5 [15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com