Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 367 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 367 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 392 page
background image
WM8281
Rev 4.0
367
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R5168
(1430h)
DSP4 WDMA
Config 1
0
0
DSP4_WDMA_BUFFER_LENGTH [13:0]
0000h
R5169
(1431h)
DSP4 WDMA
Config 2
0
0
0
0
0
0
0
0
DSP4_WDMA_CHANNEL_ENABLE [7:0]
0000h
R5170
(1432h)
DSP4 WDMA
Offset 1
0
0
0
0
0
0
0
0
DSP4_WDMA_CHANNEL_OFFSET [7:0]
0000h
R5172
(1434h)
DSP4 RDMA
Config 1
0
0
0
0
0
0
0
0
0
0
DSP4_RDMA_CHANNEL_ENABLE [5:0]
0000h
R5173
(1435h)
DSP4 RDMA
Offset 1
0
0
0
0
0
0
0
0
0
0
DSP4_RDMA_CHANNEL_OFFSET [5:0]
0000h
R5176
(1438h)
DSP4 External
Start Select 1
0
0
0
0
0
0
0
0
0
0
0
0
DSP4_START_IN_SEL [3:0]
0000h
R5184
(1440h)
DSP4 Scratch 0
DSP4_SCRATCH_0 [15:0]
0000h
R5185
(1441h)
DSP4 Scratch 1
DSP4_SCRATCH_1 [15:0]
0000h
R5186
(1442h)
DSP4 Scratch 2
DSP4_SCRATCH_2 [15:0]
0000h
R5187
(1443h)
DSP4 Scratch 3
DSP4_SCRATCH_3 [15:0]
0000h
Control Write Sequencer Memory
R12288
(3000h)
WSEQ Sequence
1
WSEQ_DATA_WIDTH0
[2:0]
WSEQ_ADDR0 [12:0]
0225h
R12289
(3001h)
WSEQ Sequence
2
WSEQ_DELAY0 [3:0]
WSEQ_DATA_START0 [3:0]
WSEQ_DATA0 [7:0]
0001h
R12290
(3002h)
WSEQ Sequence
3
WSEQ_DATA_WIDTH1
[2:0]
WSEQ_ADDR1 [12:0]
0000h
R12291
(3003h)
WSEQ Sequence
4
WSEQ_DELAY1 [3:0]
WSEQ_DATA_START1 [3:0]
WSEQ_DATA1 [7:0]
0003h
(Similar for WSEQ Index 2…508)
R13306
(33FAh)
WSEQ Sequence
1019
WSEQ_DATA_WIDTH5
09 [2:0]
WSEQ_ADDR509 [12:0]
0000h
R13307
(33FBh)
WSEQ Sequence
1020
WSEQ_DELAY509 [3:0]
WSEQ_DATA_START509 [3:0]
WSEQ_DATA509 [7:0]
F000h
DSP1 Firmware Memory
R1048576
(10_0000h)
DSP1 PM 0
0
0
0
0
0
0
0
0
DSP1_PM_0 [39:32]
0000h
R1048577
(10_0001h)
DSP1 PM 1
DSP1_PM_0 [31:16]
0000h
R1048578
(10_0002h)
DSP1 PM 2
DSP1_PM_0 [15:0]
0000h
R1048579
(10_0003h)
DSP1 PM 3
0
0
0
0
0
0
0
0
DSP1_PM_1 [39:32]
0000h
R1048580
(10_0004h)
DSP1 PM 4
DSP1_PM_1 [31:16]
0000h
R1048581
(10_0005h)
DSP1 PM 5
DSP1_PM_1 [15:0]
0000h
(Similar for DSP1 Program Memory 2 … 8190)
R1073149
(10_5FFDh)
DSP1 PM 24573
0
0
0
0
0
0
0
0
DSP1_PM_8191 [39:32]
0000h
R1073150
(10_5FFEh)
DSP1 PM 24574
DSP1_PM_8191 [31:16]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com