Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 361 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 361 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 357Page - Cirrus Logic WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic WM8281ECS/R Datasheet HTML 360Page - Cirrus Logic WM8281ECS/R Datasheet HTML 361Page - Cirrus Logic WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 392 page
background image
WM8281
Rev 4.0
361
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3661
(E4Dh)
EQ3_18
EQ3_B5_A [15:0]
058Ch
R3662
(E4Eh)
EQ3_19
EQ3_B5_B [15:0]
0563h
R3663 (E4Fh) EQ3_20
EQ3_B5_PG [15:0]
4000h
R3664 (E50h) EQ3_21
EQ3_B1_C [15:0]
0B75h
R3666 (E52h) EQ4_1
EQ4_B1_GAIN [4:0]
EQ4_B2_GAIN [4:0]
EQ4_B3_GAIN [4:0]
EQ4_E
NA
6318h
R3667 (E53h) EQ4_2
EQ4_B4_GAIN [4:0]
EQ4_B5_GAIN [4:0]
0
0
0
0
0
EQ4_
MODE
6300h
R3668 (E54h) EQ4_3
EQ4_B1_A [15:0]
0FC8h
R3669 (E55h) EQ4_4
EQ4_B1_B [15:0]
03FEh
R3670 (E56h) EQ4_5
EQ4_B1_PG [15:0]
00E0h
R3671 (E57h) EQ4_6
EQ4_B2_A [15:0]
1EC4h
R3672 (E58h) EQ4_7
EQ4_B2_B [15:0]
F136h
R3673 (E59h) EQ4_8
EQ4_B2_C [15:0]
0409h
R3674
(E5Ah)
EQ4_9
EQ4_B2_PG [15:0]
04CCh
R3675
(E5Bh)
EQ4_10
EQ4_B3_A [15:0]
1C9Bh
R3676
(E5Ch)
EQ4_11
EQ4_B3_B [15:0]
F337h
R3677
(E5Dh)
EQ4_12
EQ4_B3_C [15:0]
040Bh
R3678
(E5Eh)
EQ4_13
EQ4_B3_PG [15:0]
0CBBh
R3679 (E5Fh) EQ4_14
EQ4_B4_A [15:0]
16F8h
R3680 (E60h) EQ4_15
EQ4_B4_B [15:0]
F7D9h
R3681 (E61h) EQ4_16
EQ4_B4_C [15:0]
040Ah
R3682 (E62h) EQ4_17
EQ4_B4_PG [15:0]
1F14h
R3683 (E63h) EQ4_18
EQ4_B5_A [15:0]
058Ch
R3684 (E64h) EQ4_19
EQ4_B5_B [15:0]
0563h
R3685 (E65h) EQ4_20
EQ4_B5_PG [15:0]
4000h
R3686 (E66h) EQ4_21
EQ4_B1_C [15:0]
0B75h
R3712 (E80h) DRC1 ctrl1
DRC1_SIG_DET_RMS [4:0]
DRC1_SIG_DE
T_PK [1:0]
DRC1_
NG_E
NA
DRC1_
SIG_D
ET_M
ODE
DRC1_
SIG_D
ET
DRC1_
KNEE2
_OP_E
NA
DRC1_
QR
DRC1_
ANTIC
LIP
DRC1_
WSEQ
_SIG_
DET_E
NA
DRC1L
_ENA
DRC1
R_EN
A
0018h
R3713 (E81h) DRC1 ctrl2
0
0
0
DRC1_ATK [3:0]
DRC1_DCY [3:0]
DRC1_MINGAIN [2:0] DRC1_MAXGA
IN [1:0]
0933h
R3714 (E82h) DRC1 ctrl3
DRC1_NG_MINGAIN [3:0]
DRC1_NG_EX
P [1:0]
DRC1_QR_TH
R [1:0]
DRC1_QR_DC
Y [1:0]
DRC1_HI_COMP [2:0] DRC1_LO_COMP [2:0]
0018h
R3715 (E83h) DRC1 ctrl4
0
0
0
0
0
DRC1_KNEE_IP [5:0]
DRC1_KNEE_OP [4:0]
0000h
R3716 (E84h) DRC1 ctrl5
0
0
0
0
0
0
DRC1_KNEE2_IP [4:0]
DRC1_KNEE2_OP [4:0]
0000h
R3721 (E89h) DRC2 ctrl1
DRC2_SIG_DET_RMS [4:0]
DRC2_SIG_DE
T_PK [1:0]
DRC2_
NG_E
NA
DRC2_
SIG_D
ET_M
ODE
DRC2_
SIG_D
ET
DRC2_
KNEE2
_OP_E
NA
DRC2_
QR
DRC2_
ANTIC
LIP
0
DRC2L
_ENA
DRC2
R_EN
A
0018h
R3722
(E8Ah)
DRC2 ctrl2
0
0
0
DRC2_ATK [3:0]
DRC2_DCY [3:0]
DRC2_MINGAIN [2:0] DRC2_MAXGA
IN [1:0]
0933h
R3723
(E8Bh)
DRC2 ctrl3
DRC2_NG_MINGAIN [3:0]
DRC2_NG_EX
P [1:0]
DRC2_QR_TH
R [1:0]
DRC2_QR_DC
Y [1:0]
DRC2_HI_COMP [2:0] DRC2_LO_COMP [2:0]
0018h
R3724
(E8Ch)
DRC2 ctrl4
0
0
0
0
0
DRC2_KNEE_IP [5:0]
DRC2_KNEE_OP [4:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com