Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 360 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 360 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 356Page - Cirrus Logic WM8281ECS/R Datasheet HTML 357Page - Cirrus Logic WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic WM8281ECS/R Datasheet HTML 360Page - Cirrus Logic WM8281ECS/R Datasheet HTML 361Page - Cirrus Logic WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 392 page
background image
WM8281
360
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3622 (E26h) EQ2_1
EQ2_B1_GAIN [4:0]
EQ2_B2_GAIN [4:0]
EQ2_B3_GAIN [4:0]
EQ2_E
NA
6318h
R3623 (E27h) EQ2_2
EQ2_B4_GAIN [4:0]
EQ2_B5_GAIN [4:0]
0
0
0
0
0
EQ2_
MODE
6300h
R3624 (E28h) EQ2_3
EQ2_B1_A [15:0]
0FC8h
R3625 (E29h) EQ2_4
EQ2_B1_B [15:0]
03FEh
R3626
(E2Ah)
EQ2_5
EQ2_B1_PG [15:0]
00E0h
R3627
(E2Bh)
EQ2_6
EQ2_B2_A [15:0]
1EC4h
R3628
(E2Ch)
EQ2_7
EQ2_B2_B [15:0]
F136h
R3629
(E2Dh)
EQ2_8
EQ2_B2_C [15:0]
0409h
R3630
(E2Eh)
EQ2_9
EQ2_B2_PG [15:0]
04CCh
R3631 (E2Fh) EQ2_10
EQ2_B3_A [15:0]
1C9Bh
R3632 (E30h) EQ2_11
EQ2_B3_B [15:0]
F337h
R3633 (E31h) EQ2_12
EQ2_B3_C [15:0]
040Bh
R3634 (E32h) EQ2_13
EQ2_B3_PG [15:0]
0CBBh
R3635 (E33h) EQ2_14
EQ2_B4_A [15:0]
16F8h
R3636 (E34h) EQ2_15
EQ2_B4_B [15:0]
F7D9h
R3637 (E35h) EQ2_16
EQ2_B4_C [15:0]
040Ah
R3638 (E36h) EQ2_17
EQ2_B4_PG [15:0]
1F14h
R3639 (E37h) EQ2_18
EQ2_B5_A [15:0]
058Ch
R3640 (E38h) EQ2_19
EQ2_B5_B [15:0]
0563h
R3641 (E39h) EQ2_20
EQ2_B5_PG [15:0]
4000h
R3642
(E3Ah)
EQ2_21
EQ2_B1_C [15:0]
0B75h
R3644
(E3Ch)
EQ3_1
EQ3_B1_GAIN [4:0]
EQ3_B2_GAIN [4:0]
EQ3_B3_GAIN [4:0]
EQ3_E
NA
6318h
R3645
(E3Dh)
EQ3_2
EQ3_B4_GAIN [4:0]
EQ3_B5_GAIN [4:0]
0
0
0
0
0
EQ3_
MODE
6300h
R3646
(E3Eh)
EQ3_3
EQ3_B1_A [15:0]
0FC8h
R3647 (E3Fh) EQ3_4
EQ3_B1_B [15:0]
03FEh
R3648 (E40h) EQ3_5
EQ3_B1_PG [15:0]
00E0h
R3649 (E41h) EQ3_6
EQ3_B2_A [15:0]
1EC4h
R3650 (E42h) EQ3_7
EQ3_B2_B [15:0]
F136h
R3651 (E43h) EQ3_8
EQ3_B2_C [15:0]
0409h
R3652 (E44h) EQ3_9
EQ3_B2_PG [15:0]
04CCh
R3653 (E45h) EQ3_10
EQ3_B3_A [15:0]
1C9Bh
R3654 (E46h) EQ3_11
EQ3_B3_B [15:0]
F337h
R3655 (E47h) EQ3_12
EQ3_B3_C [15:0]
040Bh
R3656 (E48h) EQ3_13
EQ3_B3_PG [15:0]
0CBBh
R3657 (E49h) EQ3_14
EQ3_B4_A [15:0]
16F8h
R3658
(E4Ah)
EQ3_15
EQ3_B4_B [15:0]
F7D9h
R3659
(E4Bh)
EQ3_16
EQ3_B4_C [15:0]
040Ah
R3660
(E4Ch)
EQ3_17
EQ3_B4_PG [15:0]
1F14h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com