Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 352 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 352 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 348Page - Cirrus Logic WM8281ECS/R Datasheet HTML 349Page - Cirrus Logic WM8281ECS/R Datasheet HTML 350Page - Cirrus Logic WM8281ECS/R Datasheet HTML 351Page - Cirrus Logic WM8281ECS/R Datasheet HTML 352Page - Cirrus Logic WM8281ECS/R Datasheet HTML 353Page - Cirrus Logic WM8281ECS/R Datasheet HTML 354Page - Cirrus Logic WM8281ECS/R Datasheet HTML 355Page - Cirrus Logic WM8281ECS/R Datasheet HTML 356Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 392 page
background image
WM8281
352
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2565 (A05h) DSP4LMIX Input 3
Volume
0
0
0
0
0
0
0
0
DSP4LMIX_VOL3 [6:0]
0
0080h
R2566 (A06h) DSP4LMIX Input 4
Source
DSP4L
MIX_S
TS4
0
0
0
0
0
0
0
DSP4LMIX_SRC4 [7:0]
0000h
R2567 (A07h) DSP4LMIX Input 4
Volume
0
0
0
0
0
0
0
0
DSP4LMIX_VOL4 [6:0]
0
0080h
R2568 (A08h) DSP4RMIX Input
1 Source
DSP4
RMIX_
STS1
0
0
0
0
0
0
0
DSP4RMIX_SRC1 [7:0]
0000h
R2569 (A09h) DSP4RMIX Input
1 Volume
0
0
0
0
0
0
0
0
DSP4RMIX_VOL1 [6:0]
0
0080h
R2570
(A0Ah)
DSP4RMIX Input
2 Source
DSP4
RMIX_
STS2
0
0
0
0
0
0
0
DSP4RMIX_SRC2 [7:0]
0000h
R2571
(A0Bh)
DSP4RMIX Input
2 Volume
0
0
0
0
0
0
0
0
DSP4RMIX_VOL2 [6:0]
0
0080h
R2572
(A0Ch)
DSP4RMIX Input
3 Source
DSP4
RMIX_
STS3
0
0
0
0
0
0
0
DSP4RMIX_SRC3 [7:0]
0000h
R2573
(A0Dh)
DSP4RMIX Input
3 Volume
0
0
0
0
0
0
0
0
DSP4RMIX_VOL3 [6:0]
0
0080h
R2574
(A0Eh)
DSP4RMIX Input
4 Source
DSP4
RMIX_
STS4
0
0
0
0
0
0
0
DSP4RMIX_SRC4 [7:0]
0000h
R2575 (A0Fh) DSP4RMIX Input
4 Volume
0
0
0
0
0
0
0
0
DSP4RMIX_VOL4 [6:0]
0
0080h
R2576 (A10h) DSP4AUX1MIX
Input 1 Source
DSP4A
UX1MI
X_STS
0
0
0
0
0
0
0
DSP4AUX1_SRC [7:0]
0000h
R2584 (A18h) DSP4AUX2MIX
Input 1 Source
DSP4A
UX2MI
X_STS
0
0
0
0
0
0
0
DSP4AUX2_SRC [7:0]
0000h
R2592 (A20h) DSP4AUX3MIX
Input 1 Source
DSP4A
UX3MI
X_STS
0
0
0
0
0
0
0
DSP4AUX3_SRC [7:0]
0000h
R2600 (A28h) DSP4AUX4MIX
Input 1 Source
DSP4A
UX4MI
X_STS
0
0
0
0
0
0
0
DSP4AUX4_SRC [7:0]
0000h
R2608 (A30h) DSP4AUX5MIX
Input 1 Source
DSP4A
UX5MI
X_STS
0
0
0
0
0
0
0
DSP4AUX5_SRC [7:0]
0000h
R2616 (A38h) DSP4AUX6MIX
Input 1 Source
DSP4A
UX6MI
X_STS
0
0
0
0
0
0
0
DSP4AUX6_SRC [7:0]
0000h
R2688 (A80h) ASRC1LMIX Input
1 Source
ASRC
1LMIX
_STS
0
0
0
0
0
0
0
ASRC1L_SRC [7:0]
0000h
R2696 (A88h) ASRC1RMIX
Input 1 Source
ASRC
1RMIX
_STS
0
0
0
0
0
0
0
ASRC1R_SRC [7:0]
0000h
R2704 (A90h) ASRC2LMIX Input
1 Source
ASRC
2LMIX
_STS
0
0
0
0
0
0
0
ASRC2L_SRC [7:0]
0000h
R2712 (A98h) ASRC2RMIX
Input 1 Source
ASRC
2RMIX
_STS
0
0
0
0
0
0
0
ASRC2R_SRC [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com