Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 349 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 349 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic WM8281ECS/R Datasheet HTML 346Page - Cirrus Logic WM8281ECS/R Datasheet HTML 347Page - Cirrus Logic WM8281ECS/R Datasheet HTML 348Page - Cirrus Logic WM8281ECS/R Datasheet HTML 349Page - Cirrus Logic WM8281ECS/R Datasheet HTML 350Page - Cirrus Logic WM8281ECS/R Datasheet HTML 351Page - Cirrus Logic WM8281ECS/R Datasheet HTML 352Page - Cirrus Logic WM8281ECS/R Datasheet HTML 353Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 392 page
background image
WM8281
Rev 4.0
349
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2373 (945h) DSP1LMIX Input 3
Volume
0
0
0
0
0
0
0
0
DSP1LMIX_VOL3 [6:0]
0
0080h
R2374 (946h) DSP1LMIX Input 4
Source
DSP1L
MIX_S
TS4
0
0
0
0
0
0
0
DSP1LMIX_SRC4 [7:0]
0000h
R2375 (947h) DSP1LMIX Input 4
Volume
0
0
0
0
0
0
0
0
DSP1LMIX_VOL4 [6:0]
0
0080h
R2376 (948h) DSP1RMIX Input
1 Source
DSP1
RMIX_
STS1
0
0
0
0
0
0
0
DSP1RMIX_SRC1 [7:0]
0000h
R2377 (949h) DSP1RMIX Input
1 Volume
0
0
0
0
0
0
0
0
DSP1RMIX_VOL1 [6:0]
0
0080h
R2378 (94Ah) DSP1RMIX Input
2 Source
DSP1
RMIX_
STS2
0
0
0
0
0
0
0
DSP1RMIX_SRC2 [7:0]
0000h
R2379 (94Bh) DSP1RMIX Input
2 Volume
0
0
0
0
0
0
0
0
DSP1RMIX_VOL2 [6:0]
0
0080h
R2380 (94Ch) DSP1RMIX Input
3 Source
DSP1
RMIX_
STS3
0
0
0
0
0
0
0
DSP1RMIX_SRC3 [7:0]
0000h
R2381 (94Dh) DSP1RMIX Input
3 Volume
0
0
0
0
0
0
0
0
DSP1RMIX_VOL3 [6:0]
0
0080h
R2382 (94Eh) DSP1RMIX Input
4 Source
DSP1
RMIX_
STS4
0
0
0
0
0
0
0
DSP1RMIX_SRC4 [7:0]
0000h
R2383 (94Fh) DSP1RMIX Input
4 Volume
0
0
0
0
0
0
0
0
DSP1RMIX_VOL4 [6:0]
0
0080h
R2384 (950h) DSP1AUX1MIX
Input 1 Source
DSP1A
UX1MI
X_STS
0
0
0
0
0
0
0
DSP1AUX1_SRC [7:0]
0000h
R2392 (958h) DSP1AUX2MIX
Input 1 Source
DSP1A
UX2MI
X_STS
0
0
0
0
0
0
0
DSP1AUX2_SRC [7:0]
0000h
R2400 (960h) DSP1AUX3MIX
Input 1 Source
DSP1A
UX3MI
X_STS
0
0
0
0
0
0
0
DSP1AUX3_SRC [7:0]
0000h
R2408 (968h) DSP1AUX4MIX
Input 1 Source
DSP1A
UX4MI
X_STS
0
0
0
0
0
0
0
DSP1AUX4_SRC [7:0]
0000h
R2416 (970h) DSP1AUX5MIX
Input 1 Source
DSP1A
UX5MI
X_STS
0
0
0
0
0
0
0
DSP1AUX5_SRC [7:0]
0000h
R2424 (978h) DSP1AUX6MIX
Input 1 Source
DSP1A
UX6MI
X_STS
0
0
0
0
0
0
0
DSP1AUX6_SRC [7:0]
0000h
R2432 (980h) DSP2LMIX Input 1
Source
DSP2L
MIX_S
TS1
0
0
0
0
0
0
0
DSP2LMIX_SRC1 [7:0]
0000h
R2433 (981h) DSP2LMIX Input 1
Volume
0
0
0
0
0
0
0
0
DSP2LMIX_VOL1 [6:0]
0
0080h
R2434 (982h) DSP2LMIX Input 2
Source
DSP2L
MIX_S
TS2
0
0
0
0
0
0
0
DSP2LMIX_SRC2 [7:0]
0000h
R2435 (983h) DSP2LMIX Input 2
Volume
0
0
0
0
0
0
0
0
DSP2LMIX_VOL2 [6:0]
0
0080h
R2436 (984h) DSP2LMIX Input 3
Source
DSP2L
MIX_S
TS3
0
0
0
0
0
0
0
DSP2LMIX_SRC3 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com