Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 345 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 345 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 341Page - Cirrus Logic WM8281ECS/R Datasheet HTML 342Page - Cirrus Logic WM8281ECS/R Datasheet HTML 343Page - Cirrus Logic WM8281ECS/R Datasheet HTML 344Page - Cirrus Logic WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic WM8281ECS/R Datasheet HTML 346Page - Cirrus Logic WM8281ECS/R Datasheet HTML 347Page - Cirrus Logic WM8281ECS/R Datasheet HTML 348Page - Cirrus Logic WM8281ECS/R Datasheet HTML 349Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 392 page
background image
WM8281
Rev 4.0
345
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2185 (889h) EQ2MIX Input 1
Volume
0
0
0
0
0
0
0
0
EQ2MIX_VOL1 [6:0]
0
0080h
R2186 (88Ah) EQ2MIX Input 2
Source
EQ2MI
X_STS
2
0
0
0
0
0
0
0
EQ2MIX_SRC2 [7:0]
0000h
R2187 (88Bh) EQ2MIX Input 2
Volume
0
0
0
0
0
0
0
0
EQ2MIX_VOL2 [6:0]
0
0080h
R2188 (88Ch) EQ2MIX Input 3
Source
EQ2MI
X_STS
3
0
0
0
0
0
0
0
EQ2MIX_SRC3 [7:0]
0000h
R2189 (88Dh) EQ2MIX Input 3
Volume
0
0
0
0
0
0
0
0
EQ2MIX_VOL3 [6:0]
0
0080h
R2190 (88Eh) EQ2MIX Input 4
Source
EQ2MI
X_STS
4
0
0
0
0
0
0
0
EQ2MIX_SRC4 [7:0]
0000h
R2191 (88Fh) EQ2MIX Input 4
Volume
0
0
0
0
0
0
0
0
EQ2MIX_VOL4 [6:0]
0
0080h
R2192 (890h) EQ3MIX Input 1
Source
EQ3MI
X_STS
1
0
0
0
0
0
0
0
EQ3MIX_SRC1 [7:0]
0000h
R2193 (891h) EQ3MIX Input 1
Volume
0
0
0
0
0
0
0
0
EQ3MIX_VOL1 [6:0]
0
0080h
R2194 (892h) EQ3MIX Input 2
Source
EQ3MI
X_STS
2
0
0
0
0
0
0
0
EQ3MIX_SRC2 [7:0]
0000h
R2195 (893h) EQ3MIX Input 2
Volume
0
0
0
0
0
0
0
0
EQ3MIX_VOL2 [6:0]
0
0080h
R2196 (894h) EQ3MIX Input 3
Source
EQ3MI
X_STS
3
0
0
0
0
0
0
0
EQ3MIX_SRC3 [7:0]
0000h
R2197 (895h) EQ3MIX Input 3
Volume
0
0
0
0
0
0
0
0
EQ3MIX_VOL3 [6:0]
0
0080h
R2198 (896h) EQ3MIX Input 4
Source
EQ3MI
X_STS
4
0
0
0
0
0
0
0
EQ3MIX_SRC4 [7:0]
0000h
R2199 (897h) EQ3MIX Input 4
Volume
0
0
0
0
0
0
0
0
EQ3MIX_VOL4 [6:0]
0
0080h
R2200 (898h) EQ4MIX Input 1
Source
EQ4MI
X_STS
1
0
0
0
0
0
0
0
EQ4MIX_SRC1 [7:0]
0000h
R2201 (899h) EQ4MIX Input 1
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL1 [6:0]
0
0080h
R2202 (89Ah) EQ4MIX Input 2
Source
EQ4MI
X_STS
2
0
0
0
0
0
0
0
EQ4MIX_SRC2 [7:0]
0000h
R2203 (89Bh) EQ4MIX Input 2
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL2 [6:0]
0
0080h
R2204 (89Ch) EQ4MIX Input 3
Source
EQ4MI
X_STS
3
0
0
0
0
0
0
0
EQ4MIX_SRC3 [7:0]
0000h
R2205 (89Dh) EQ4MIX Input 3
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL3 [6:0]
0
0080h
R2206 (89Eh) EQ4MIX Input 4
Source
EQ4MI
X_STS
4
0
0
0
0
0
0
0
EQ4MIX_SRC4 [7:0]
0000h
R2207 (89Fh) EQ4MIX Input 4
Volume
0
0
0
0
0
0
0
0
EQ4MIX_VOL4 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com