Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 341 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 341 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 337Page - Cirrus Logic WM8281ECS/R Datasheet HTML 338Page - Cirrus Logic WM8281ECS/R Datasheet HTML 339Page - Cirrus Logic WM8281ECS/R Datasheet HTML 340Page - Cirrus Logic WM8281ECS/R Datasheet HTML 341Page - Cirrus Logic WM8281ECS/R Datasheet HTML 342Page - Cirrus Logic WM8281ECS/R Datasheet HTML 343Page - Cirrus Logic WM8281ECS/R Datasheet HTML 344Page - Cirrus Logic WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 392 page
background image
WM8281
Rev 4.0
341
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1901 (76Dh) AIF2TX6MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF2TX6MIX_VOL3 [6:0]
0
0080h
R1902 (76Eh) AIF2TX6MIX Input
4 Source
AIF2T
X6MIX
_STS4
0
0
0
0
0
0
0
AIF2TX6MIX_SRC4 [7:0]
0000h
R1903 (76Fh) AIF2TX6MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF2TX6MIX_VOL4 [6:0]
0
0080h
R1920 (780h) AIF3TX1MIX Input
1 Source
AIF3T
X1MIX
_STS1
0
0
0
0
0
0
0
AIF3TX1MIX_SRC1 [7:0]
0000h
R1921 (781h) AIF3TX1MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF3TX1MIX_VOL1 [6:0]
0
0080h
R1922 (782h) AIF3TX1MIX Input
2 Source
AIF3T
X1MIX
_STS2
0
0
0
0
0
0
0
AIF3TX1MIX_SRC2 [7:0]
0000h
R1923 (783h) AIF3TX1MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF3TX1MIX_VOL2 [6:0]
0
0080h
R1924 (784h) AIF3TX1MIX Input
3 Source
AIF3T
X1MIX
_STS3
0
0
0
0
0
0
0
AIF3TX1MIX_SRC3 [7:0]
0000h
R1925 (785h) AIF3TX1MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF3TX1MIX_VOL3 [6:0]
0
0080h
R1926 (786h) AIF3TX1MIX Input
4 Source
AIF3T
X1MIX
_STS4
0
0
0
0
0
0
0
AIF3TX1MIX_SRC4 [7:0]
0000h
R1927 (787h) AIF3TX1MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF3TX1MIX_VOL4 [6:0]
0
0080h
R1928 (788h) AIF3TX2MIX Input
1 Source
AIF3T
X2MIX
_STS1
0
0
0
0
0
0
0
AIF3TX2MIX_SRC1 [7:0]
0000h
R1929 (789h) AIF3TX2MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF3TX2MIX_VOL1 [6:0]
0
0080h
R1930 (78Ah) AIF3TX2MIX Input
2 Source
AIF3T
X2MIX
_STS2
0
0
0
0
0
0
0
AIF3TX2MIX_SRC2 [7:0]
0000h
R1931 (78Bh) AIF3TX2MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF3TX2MIX_VOL2 [6:0]
0
0080h
R1932 (78Ch) AIF3TX2MIX Input
3 Source
AIF3T
X2MIX
_STS3
0
0
0
0
0
0
0
AIF3TX2MIX_SRC3 [7:0]
0000h
R1933 (78Dh) AIF3TX2MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF3TX2MIX_VOL3 [6:0]
0
0080h
R1934 (78Eh) AIF3TX2MIX Input
4 Source
AIF3T
X2MIX
_STS4
0
0
0
0
0
0
0
AIF3TX2MIX_SRC4 [7:0]
0000h
R1935 (78Fh) AIF3TX2MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF3TX2MIX_VOL4 [6:0]
0
0080h
R1984 (7C0h) SLIMTX1MIX
Input 1 Source
SLIMT
X1MIX
_STS1
0
0
0
0
0
0
0
SLIMTX1MIX_SRC1 [7:0]
0000h
R1985 (7C1h) SLIMTX1MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL1 [6:0]
0
0080h
R1986 (7C2h) SLIMTX1MIX
Input 2 Source
SLIMT
X1MIX
_STS2
0
0
0
0
0
0
0
SLIMTX1MIX_SRC2 [7:0]
0000h
R1987 (7C3h) SLIMTX1MIX
Input 2 Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL2 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com