Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 335 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 335 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 331Page - Cirrus Logic WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic WM8281ECS/R Datasheet HTML 334Page - Cirrus Logic WM8281ECS/R Datasheet HTML 335Page - Cirrus Logic WM8281ECS/R Datasheet HTML 336Page - Cirrus Logic WM8281ECS/R Datasheet HTML 337Page - Cirrus Logic WM8281ECS/R Datasheet HTML 338Page - Cirrus Logic WM8281ECS/R Datasheet HTML 339Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 392 page
background image
WM8281
Rev 4.0
335
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1731 (6C3h) OUT5LMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL2 [6:0]
0
0080h
R1732 (6C4h) OUT5LMIX Input
3 Source
OUT5L
MIX_S
TS3
0
0
0
0
0
0
0
OUT5LMIX_SRC3 [7:0]
0000h
R1733 (6C5h) OUT5LMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL3 [6:0]
0
0080h
R1734 (6C6h) OUT5LMIX Input
4 Source
OUT5L
MIX_S
TS4
0
0
0
0
0
0
0
OUT5LMIX_SRC4 [7:0]
0000h
R1735 (6C7h) OUT5LMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL4 [6:0]
0
0080h
R1736 (6C8h) OUT5RMIX Input
1 Source
OUT5
RMIX_
STS1
0
0
0
0
0
0
0
OUT5RMIX_SRC1 [7:0]
0000h
R1737 (6C9h) OUT5RMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL1 [6:0]
0
0080h
R1738
(6CAh)
OUT5RMIX Input
2 Source
OUT5
RMIX_
STS2
0
0
0
0
0
0
0
OUT5RMIX_SRC2 [7:0]
0000h
R1739
(6CBh)
OUT5RMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL2 [6:0]
0
0080h
R1740
(6CCh)
OUT5RMIX Input
3 Source
OUT5
RMIX_
STS3
0
0
0
0
0
0
0
OUT5RMIX_SRC3 [7:0]
0000h
R1741
(6CDh)
OUT5RMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL3 [6:0]
0
0080h
R1742
(6CEh)
OUT5RMIX Input
4 Source
OUT5
RMIX_
STS4
0
0
0
0
0
0
0
OUT5RMIX_SRC4 [7:0]
0000h
R1743
(6CFh)
OUT5RMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL4 [6:0]
0
0080h
R1744 (6D0h) OUT6LMIX Input
1 Source
OUT6L
MIX_S
TS1
0
0
0
0
0
0
0
OUT6LMIX_SRC1 [7:0]
0000h
R1745 (6D1h) OUT6LMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT6LMIX_VOL1 [6:0]
0
0080h
R1746 (6D2h) OUT6LMIX Input
2 Source
OUT6L
MIX_S
TS2
0
0
0
0
0
0
0
OUT6LMIX_SRC2 [7:0]
0000h
R1747 (6D3h) OUT6LMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT6LMIX_VOL2 [6:0]
0
0080h
R1748 (6D4h) OUT6LMIX Input
3 Source
OUT6L
MIX_S
TS3
0
0
0
0
0
0
0
OUT6LMIX_SRC3 [7:0]
0000h
R1749 (6D5h) OUT6LMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT6LMIX_VOL3 [6:0]
0
0080h
R1750 (6D6h) OUT6LMIX Input
4 Source
OUT6L
MIX_S
TS4
0
0
0
0
0
0
0
OUT6LMIX_SRC4 [7:0]
0000h
R1751 (6D7h) OUT6LMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT6LMIX_VOL4 [6:0]
0
0080h
R1752 (6D8h) OUT6RMIX Input
1 Source
OUT6
RMIX_
STS1
0
0
0
0
0
0
0
OUT6RMIX_SRC1 [7:0]
0000h
R1753 (6D9h) OUT6RMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT6RMIX_VOL1 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com