Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 330 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 330 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic WM8281ECS/R Datasheet HTML 330Page - Cirrus Logic WM8281ECS/R Datasheet HTML 331Page - Cirrus Logic WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic WM8281ECS/R Datasheet HTML 334Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 392 page
background image
WM8281
330
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1493
(05D5h)
SLIMbus RX
Ports3
0
0
SLIMRX8_PORT_ADDR [5:0]
0
0
SLIMRX7_PORT_ADDR [5:0]
0706h
R1494
(05D6h)
SLIMbus TX
Ports0
0
0
SLIMTX2_PORT_ADDR [5:0]
0
0
SLIMTX1_PORT_ADDR [5:0]
0908h
R1495
(05D7h)
SLIMbus TX
Ports1
0
0
SLIMTX4_PORT_ADDR [5:0]
0
0
SLIMTX3_PORT_ADDR [5:0]
0B0Ah
R1496
(05D8h)
SLIMbus TX
Ports2
0
0
SLIMTX6_PORT_ADDR [5:0]
0
0
SLIMTX5_PORT_ADDR [5:0]
0D0Ch
R1497
(05D9h)
SLIMbus TX
Ports3
0
0
SLIMTX8_PORT_ADDR [5:0]
0
0
SLIMTX7_PORT_ADDR [5:0]
0F0Eh
R1507 (5E3h) SLIMbus Framer
Ref Gear
0
0
0
0
0
0
0
0
0
0
0
SLIMC
LK_SR
C
SLIMCLK_REF_GEAR [3:0]
0004h
R1509 (5E5h) SLIMbus Rates 1
0
SLIMRX2_RATE [3:0]
0
0
0
0
SLIMRX1_RATE [3:0]
0
0
0
0000h
R1510 (5E6h) SLIMbus Rates 2
0
SLIMRX4_RATE [3:0]
0
0
0
0
SLIMRX3_RATE [3:0]
0
0
0
0000h
R1511 (5E7h) SLIMbus Rates 3
0
SLIMRX6_RATE [3:0]
0
0
0
0
SLIMRX5_RATE [3:0]
0
0
0
0000h
R1512 (5E8h) SLIMbus Rates 4
0
SLIMRX8_RATE [3:0]
0
0
0
0
SLIMRX7_RATE [3:0]
0
0
0
0000h
R1513 (5E9h) SLIMbus Rates 5
0
SLIMTX2_RATE [3:0]
0
0
0
0
SLIMTX1_RATE [3:0]
0
0
0
0000h
R1514
(5EAh)
SLIMbus Rates 6
0
SLIMTX4_RATE [3:0]
0
0
0
0
SLIMTX3_RATE [3:0]
0
0
0
0000h
R1515
(5EBh)
SLIMbus Rates 7
0
SLIMTX6_RATE [3:0]
0
0
0
0
SLIMTX5_RATE [3:0]
0
0
0
0000h
R1516
(5ECh)
SLIMbus Rates 8
0
SLIMTX8_RATE [3:0]
0
0
0
0
SLIMTX7_RATE [3:0]
0
0
0
0000h
R1525 (5F5h) SLIMbus RX
Channel Enable
0
0
0
0
0
0
0
0
SLIMR
X8_EN
A
SLIMR
X7_EN
A
SLIMR
X6_EN
A
SLIMR
X5_EN
A
SLIMR
X4_EN
A
SLIMR
X3_EN
A
SLIMR
X2_EN
A
SLIMR
X1_EN
A
0000h
R1526 (5F6h) SLIMbus TX
Channel Enable
0
0
0
0
0
0
0
0
SLIMT
X8_EN
A
SLIMT
X7_EN
A
SLIMT
X6_EN
A
SLIMT
X5_EN
A
SLIMT
X4_EN
A
SLIMT
X3_EN
A
SLIMT
X2_EN
A
SLIMT
X1_EN
A
0000h
R1527 (5F7h) SLIMbus RX Port
Status
0
0
0
0
0
0
0
0
SLIMR
X8_PO
RT_ST
S
SLIMR
X7_PO
RT_ST
S
SLIMR
X6_PO
RT_ST
S
SLIMR
X5_PO
RT_ST
S
SLIMR
X4_PO
RT_ST
S
SLIMR
X3_PO
RT_ST
S
SLIMR
X2_PO
RT_ST
S
SLIMR
X1_PO
RT_ST
S
0000h
R1528 (5F8h) SLIMbus TX Port
Status
0
0
0
0
0
0
0
0
SLIMT
X8_PO
RT_ST
S
SLIMT
X7_PO
RT_ST
S
SLIMT
X6_PO
RT_ST
S
SLIMT
X5_PO
RT_ST
S
SLIMT
X4_PO
RT_ST
S
SLIMT
X3_PO
RT_ST
S
SLIMT
X2_PO
RT_ST
S
SLIMT
X1_PO
RT_ST
S
0000h
R1600 (640h) PWM1MIX Input 1
Source
PWM1
MIX_S
TS1
0
0
0
0
0
0
0
PWM1MIX_SRC1 [7:0]
0000h
R1601 (641h) PWM1MIX Input 1
Volume
0
0
0
0
0
0
0
0
PWM1MIX_VOL1 [6:0]
0
0080h
R1602 (642h) PWM1MIX Input 2
Source
PWM1
MIX_S
TS2
0
0
0
0
0
0
0
PWM1MIX_SRC2 [7:0]
0000h
R1603 (643h) PWM1MIX Input 2
Volume
0
0
0
0
0
0
0
0
PWM1MIX_VOL2 [6:0]
0
0080h
R1604 (644h) PWM1MIX Input 3
Source
PWM1
MIX_S
TS3
0
0
0
0
0
0
0
PWM1MIX_SRC3 [7:0]
0000h
R1605 (645h) PWM1MIX Input 3
Volume
0
0
0
0
0
0
0
0
PWM1MIX_VOL3 [6:0]
0
0080h
R1606 (646h) PWM1MIX Input 4
Source
PWM1
MIX_S
TS4
0
0
0
0
0
0
0
PWM1MIX_SRC4 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com