Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 312 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 312 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 308Page - Cirrus Logic WM8281ECS/R Datasheet HTML 309Page - Cirrus Logic WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic WM8281ECS/R Datasheet HTML 312Page - Cirrus Logic WM8281ECS/R Datasheet HTML 313Page - Cirrus Logic WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 392 page
background image
WM8281
312
Rev 4.0
JTAG INTERFACE
The JTAG interface provides test and debug access to the WM8281 DSP core. The interface
comprises 5 pins, as detailed below.
TCK: Clock input
TDI: Data input
TDO: Data output
TMS: Mode select input
TRST: Test Access Port reset input (active low)
For normal operation (test and debug access disabled), the JTAG interface should be held in reset (ie.
TRST should be at logic 0). An internal pull-down resistor holds the TRST pin low when not actively
driven.
The other JTAG input pins (TCK, TDI, TMS) should also be held at logic 0 for normal operation. An
internal pull-down resistor holds these pins low when not actively driven.
If the JTAG interface is enabled (TRST de-asserted, and TCK active) at the time of Power-On Reset,
or any other Reset, then a Software Reset must be scheduled, with the TCK input stopped or TRST
asserted (logic ‘0’), before using the JTAG interface.
As a general rule, it is recommended to always schedule a Software Reset before starting the JTAG
clock, or de-asserting the JTAG reset. In this event, the JTAG interface should be held in its reset
state until the Software Reset has completed, and the BOOT_DONE_STS bit has been set.
See “Hardware Reset, Software Reset, Wake-Up, and Device ID” for further details of the WM8281
Software Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com