Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 303 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 303 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 299Page - Cirrus Logic WM8281ECS/R Datasheet HTML 300Page - Cirrus Logic WM8281ECS/R Datasheet HTML 301Page - Cirrus Logic WM8281ECS/R Datasheet HTML 302Page - Cirrus Logic WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic WM8281ECS/R Datasheet HTML 305Page - Cirrus Logic WM8281ECS/R Datasheet HTML 306Page - Cirrus Logic WM8281ECS/R Datasheet HTML 307Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 392 page
background image
WM8281
Rev 4.0
303
The start index location of the the Boot Sequence is 384 (180h), as shown in Table 120. Index
locations 385 (181h) to 391 (187h) are available for any user-configured Boot Sequence
requirements. The remainder of the Boot Sequence memory (including index location 384) should not
be written to.
The sequencer memory is illustrated in Figure 81. The pre-programmed sequencer index locations
are highlighted. User-defined sequences should be programmed in other areas of the sequencer
memory.
000h
020h
040h
060h
0A0h
0C0h
0E0h
100h
140h
160h
180h
1A0h
1E0h
080h
120h
1C0h
HPOUT1L enable
HPOUT1R enable
HPOUT2L enable
HPOUT2R enable
HPOUT2R disable
HPOUT1L disable
HPOUT1R disable
HPOUT2L disable
Index
Description
HPOUT3L enable
HPOUT3R enable
HPOUT3R disable
HPOUT3L disable
Boot Sequence (User space): 181h to 187h
SPKOUTL/R enable/disable (4 sequences)
Reserved memory space: 180h, and 188h to 1BEh
Figure 81 Write Sequencer Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com