Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 302 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 302 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 298Page - Cirrus Logic WM8281ECS/R Datasheet HTML 299Page - Cirrus Logic WM8281ECS/R Datasheet HTML 300Page - Cirrus Logic WM8281ECS/R Datasheet HTML 301Page - Cirrus Logic WM8281ECS/R Datasheet HTML 302Page - Cirrus Logic WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic WM8281ECS/R Datasheet HTML 305Page - Cirrus Logic WM8281ECS/R Datasheet HTML 306Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 392 page
background image
WM8281
302
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12288
(3000h)
WSEQ
Sequence 1
15:13
WSEQ_DATA_
WIDTH0 [2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
12:0
WSEQ_ADDR0
[12:0]
0000h
Control Register Address to be
written to in this sequence step.
R12289
(3001h)
WSEQ
Sequence 2
15:12
WSEQ_DELAY0
[3:0]
0000
Time delay after executing this step.
00h = 3.3us
01h to 0Eh = 61.44us x
((2^WSEQ_DELAY)-1)
0Fh = End of sequence marker
11:8
WSEQ_DATA_S
TART0 [3:0]
0000
Bit position of the LSB of the data
block written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_DATA0
[7:0]
00h
Data to be written in this sequence
step. When the data width is less
than 8 bits, then one or more of the
MSBs of WSEQ_DATAn are ignored.
It is recommended that unused bits
be set to 0.
Table 122 Write Sequencer Control - Programming a Sequence
SEQUENCER MEMORY DEFINITION
The Write Sequencer memory defines up to 510 write operations; these are indexed as 0 to 509 in the
sequencer memory map.
Following Power-On Reset (POR), the sequence memory will contain the Boot Sequence, and the
OUT1, OUT2, OUT3, OUT4 signal path enable/disable sequences. The remainder of the sequence
memory will be undefined on power-up.
See the “Applications Information” section for a summary of
the WM8281 memory reset conditions.
User-defined sequences can be programmed after power-up. Note that all control sequences are
maintained in the sequencer memory through Hardware Reset, Software Reset and in Sleep mode.
The default control sequences can be overwritten in the sequencer memory, if required. Note that the
headphone and earpiece output path enable registers (HPnx_ENA, SPKOUTx_ENA) will always
trigger the Write Sequencer (at the pre-determined start index addresses).
Wri
ting ‘1’ to the WSEQ_LOAD_MEM bit will clear the sequencer memory to the POR state.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (0018h)
Write
Sequencer
Ctrl 2
0
WSEQ_LOAD_
MEM
0
Writing a 1 to this bit resets the
sequencer memory to the POR state.
Table 123 Write Sequencer Control - Load Memory Control
User-defined sequences must be assigned space within the Write Sequencer memory. The start
index for the user-defined sequences is configured using the registers described in Table 117 and
Table 118.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com