Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 293 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 293 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic WM8281ECS/R Datasheet HTML 292Page - Cirrus Logic WM8281ECS/R Datasheet HTML 293Page - Cirrus Logic WM8281ECS/R Datasheet HTML 294Page - Cirrus Logic WM8281ECS/R Datasheet HTML 295Page - Cirrus Logic WM8281ECS/R Datasheet HTML 296Page - Cirrus Logic WM8281ECS/R Datasheet HTML 297Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 392 page
background image
WM8281
Rev 4.0
293
The sequence of signals associated with a single register read operation is illustrated in Figure 73.
A25
D7
D1
A31
SDA
SCLK
device ID
A24
Note: The SDA pin is driven by both the master and slave devices in turn to transfer device address, register address, data and ACK responses
R/W
register address A31
– A24
START
(Write)
ACK
A17
A23
A16
register address A23
– A16
device ID
D7
B9
B8
D1
B15
data bits B15
– B8
ACK
ACK
R/W
(Read)
B1
B0
B7
data bits B7
– B0
ACK
STOP
ACK
Rpt
START
A1
A0
register address A7
– A0
register address A15
– A8
A15
A8
A9
A7
ACK
ACK
Figure 73 Control Interface 2-wire (I2C) Register Read
The Control Interface also supports other register operations, as listed above. The interface protocol
for these operations is summarised below. The terminology used in the following figures is detailed in
Table 115.
Note that, for multiple write and multiple read operations, the auto-increment option may be enabled.
The I2C
multiple transfers illustrated below assume that “auto-increment by 1” is selected in each
case. Auto-increment is enabled by default, as noted in Table 113.
TERMINOLOGY
DESCRIPTION
S
Start Condition
Sr
Repeated start
A
Acknowledge (SDA Low)
A
¯¯
Not Acknowledge (SDA High)
P
Stop Condition
R/W
¯¯
ReadNotWrite
0 = Write
1 = Read
[White field]
Data flow from bus master to WM8281
[Grey field]
Data flow from WM8281 to bus master
Table 115 Control Interface (I2C) Terminology
Device ID
S
A
Address Byte [3]
(0)
A
8 bit Device ID
8 bits
Address Byte [2]
A
8 bits
RW
Address Byte [1]
A
8 bits
A
8 bits
MSByte Data
A
LSByte Data
A
P
8 bits
8 bits
Address Byte [0]
(Most Significant Byte)
(Least Significant Byte)
Figure 74 Single Register Write to Specified Address
Device ID
S
A
(0)
RW
Device ID
Sr
A
P
MSByte Data
(1)
LSByte Data
A
A
RW
Address Byte [3]
A
A
Address Byte [2]
Address Byte [1]
A
A
Address Byte [0]
(Most Significant Byte)
(Least Significant Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com