Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 291 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 291 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 287Page - Cirrus Logic WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic WM8281ECS/R Datasheet HTML 292Page - Cirrus Logic WM8281ECS/R Datasheet HTML 293Page - Cirrus Logic WM8281ECS/R Datasheet HTML 294Page - Cirrus Logic WM8281ECS/R Datasheet HTML 295Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 392 page
background image
WM8281
Rev 4.0
291
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Ctrl IF SPI
CFG 1
4
SPI_CFG
1
CIF1MISO pin configuration
(applies to SPI mode only)
0 = CMOS
1 = Wired ‘OR’.
3
SPI_GPIO
1
CIF1MISO / GPIO4 pin function select
0 = GPIO4
1 = CIF1MISO
1:0
SPI_AUTO_INC
[1:0]
01
CIF1 SPI Address auto-increment select
00 = Disabled
01 = Increment by 1 on each access
10 = Increment by 2 on each access
11 = Increment by 3 on each access
R9 (09h)
Ctrl IF
I2C1 CFG
1
1:0
I2C1_AUTO_IN
C [1:0]
01
CIF1 I2C Address auto-increment select
00 = Disabled
01 = Increment by 1 on each access
10 = Increment by 2 on each access
11 = Increment by 3 on each access
R10 (0Ah)
Ctrl IF
I2C2 CFG
1
1:0
I2C2_AUTO_IN
C [1:0]
01
CIF2 I2C Address auto-increment select
00 = Disabled
01 = Increment by 1 on each access
10 = Increment by 2 on each access
11 = Increment by 3 on each access
R11 (0Bh)
Ctrl IF
I2C1 CFG
2
6:0
I2C1_DEV_ID
[6:0]
1Ah
CIF1 Device ID
(Read Only)
Note that this 7-bit field identifies bits [7:1]
of the CIF1 I2C device ID. The read/write
bit is appended to these 7 bits.
R12 (0Ch)
Ctrl IF
I2C2 CFG
2
6:0
I2C2_DEV_ID
[6:0]
1Ah
CIF2 Device ID
Note that this 7-bit field identifies bits [7:1]
of the CIF2 I2C device ID. The read/write
bit is appended to these 7 bits.
R3105
(0C21h)
Misc Pad
Ctrl 2
0
ADDR_PD
1
CIF1ADDR Pull-down enable
0 = Disabled
1 = Enabled
Table 113 Control Interface Configuration
2-WIRE (I2C) CONTROL MODE
The 2-wire (I2C) Control Interface mode is supported on CIF1 and CIF2, and uses the corresponding
SCLK, SDA pins. The ADDR pin is also used to select the CIF1 Device ID.
In 2-wire (I2C) mode, the WM8281 is a slave device on the control interface; SCLK is a clock input,
while SDA is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters)
on the same interface, the WM8281 transmits logic 1 by tri-stating the SDA pin, rather than pulling it
high. An external pull-up resistor is required to pull the SDA line high so that the logic 1 can be
recognised by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the address of each register in the WM8281).
For Control Interface 1, the device ID is selectable using the CIF1ADDR pin, as described in Table
114.
The LSB of the Device ID is the Read/Write bit; this bit is set to logic 1 for “Read” and logic 0 for
“Write”.
The CIF1ADDR logic level is referenced to the DBVDD1 power domain. An internal pull-down resistor
is enabled by default on the CIF1ADDR pin; this can be configured using the ADDR_PD register bit
described in Table 113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com