Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 287 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 287 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 283Page - Cirrus Logic WM8281ECS/R Datasheet HTML 284Page - Cirrus Logic WM8281ECS/R Datasheet HTML 285Page - Cirrus Logic WM8281ECS/R Datasheet HTML 286Page - Cirrus Logic WM8281ECS/R Datasheet HTML 287Page - Cirrus Logic WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 392 page
background image
WM8281
Rev 4.0
287
SPREAD SPECTRUM FLL CONTROL
The WM8281 can apply modulation to the FLL outputs, using spread spectrum techniques. This can
be used to control the EMI characteristics of the circuits that are clocked via the FLLs.
Each of the FLLs can be individually configured for Triangle modulation, Zero Mean Frequency
Modulation (ZMFM) or Dither. The amplitude and frequency parameters of the spread spectrum
functions is also programmable, using the registers described in Table 109.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R393
(0189h)
FLL1
Spread
Spectrum
5:4
FLL1_SS_AMPL
[1:0]
00
FLL1 Spread Spectrum Amplitude
Controls the extent of the spread-
spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL1_SS_FREQ
[1:0]
00
FLL1 Spread Spectrum Frequency
Controls the spread spectrum modulation
frequency in Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz
1:0
FLL1_SS_SEL
[1:0]
00
FLL1 Spread Spectrum Select
00 = Disabled
01 = Zero Mean Frequency (ZMFM)
10 = Triangle
11 = Dither
R425
(01A9h)
FLL2
Spread
Spectrum
5:4
FLL2_SS_AMPL
[1:0]
00
FLL2 Spread Spectrum Amplitude
Controls the extent of the spread-
spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL2_SS_FREQ
[1:0]
00
FLL2 Spread Spectrum Frequency
Controls the spread spectrum modulation
frequency in Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz
1:0
FLL2_SS_SEL
[1:0]
00
FLL2 Spread Spectrum Select
00 = Disabled
01 = Zero Mean Frequency (ZMFM)
10 = Triangle
11 = Dither
Table 109 FLL Spread Spectrum Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com