Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 285 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 285 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 281Page - Cirrus Logic WM8281ECS/R Datasheet HTML 282Page - Cirrus Logic WM8281ECS/R Datasheet HTML 283Page - Cirrus Logic WM8281ECS/R Datasheet HTML 284Page - Cirrus Logic WM8281ECS/R Datasheet HTML 285Page - Cirrus Logic WM8281ECS/R Datasheet HTML 286Page - Cirrus Logic WM8281ECS/R Datasheet HTML 287Page - Cirrus Logic WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 392 page
background image
WM8281
Rev 4.0
285
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
FLL2_SYNCCLK
_SRC
0000
FLL2 Synchroniser Clock source
0000 = MCLK1
0001 = MCLK2
0011 = SLIMCLK
0100 = FLL1
0101 = FLL2
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
1100 = AIF1RXLRCLK
1101 = AIF2RXLRCLK
1110 = AIF3RXLRCLK
All other codes are Reserved
R423
(01A7h)
FLL2
Synchroni
ser 7
5:2
FLL2_SYNC_GAI
N [3:0]
0000
FLL2 Synchroniser Gain
0000 = 1
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000 to 1111 = 256
0
FLL2_SYNC_DF
SAT
1
FLL2 Synchroniser Bandwidth
0 = Wide bandwidth
1 = Narrow bandwidth
Table 107 FLL2 Register Map
FREE-RUNNING FLL MODE
The FLL can generate a clock signal even when no external reference is available. This may be
because the normal input reference has been interrupted, or may be during a standby or start-up
period when no initial reference clock is available.
Free-running FLL mode is enabled using the FLLn_FREERUN register. (Note that FLLn_ENA must
also be enabled in Free-running FLL mode.)
In Free-running FLL mode, the normal feedback mechanism of the FLL is halted, and the FLL
oscillates independently of the external input reference(s).
If the FLL was previously operating normally, (with an input reference clock), then the FLL output
frequency will remain unchanged when Free-running FLL mode is enabled. The FLL output will be
independent of the input reference while operating in free-running mode with FLLn_FREERUN=1.
The main FLL loop will always continue to free-run if the input reference clock is stopped (regardless
of the FLLn_FREERUN setting). If FLLn_FREERUN=0, the FLL will re-lock to the input reference
whenever it is available.
In free-running mode, (with FLLn_FREERUN=1), the FLL integrator value (part of the feedback
mechanism) can be commanded directly using the FLLn_FRC_INTEG_VAL register. The integrator
value in this register is applied to the FLL when a ‘1’ is written to the FLLn_FRC_INTEG_UPD bit.
If the FLL is started up in free-running mode, (ie. it was not previously running), then the default value
of FLLn_FRC_INTEG_VAL will be applied.
The FLL integrator value (part of the feedback mechanism) can be read from the FLLn_INTEG
register; the value of this field may be stored for later use. Note that the readback value of the
FLLn_INTEG register is only valid when FLLn_FREERUN=1, and the FLLn_INTEG_VALID bit is set.
The FLL integrator setting does not ensure a specific output frequency for the FLL across all devices
and operating conditions; some level of variation will apply.
The free-running FLL clock may be selected as the SYSCLK source or ASYNCCLK source as shown
Figure 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com