Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 286 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 286 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 282Page - Cirrus Logic WM8281ECS/R Datasheet HTML 283Page - Cirrus Logic WM8281ECS/R Datasheet HTML 284Page - Cirrus Logic WM8281ECS/R Datasheet HTML 285Page - Cirrus Logic WM8281ECS/R Datasheet HTML 286Page - Cirrus Logic WM8281ECS/R Datasheet HTML 287Page - Cirrus Logic WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 392 page
background image
WM8281
286
Rev 4.0
The control registers applicable to Free-running FLL mode are described in Table 108.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R369
(0171h)
FLL1
Control 1
1
FLL1_FREERUN
1
FLL1 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in
Free-Running mode, and the latest
integrator setting is maintained
R375
(0177h)
FLL1 Loop
Filter Test
1
15
FLL1_FRC_INTE
G_UPD
0
Write ‘1’ to apply the
FLL1_FRC_INTEG_VAL setting.
(Only valid when FLL1_FREERUN=1)
11:0
FLL1_FRC_INTE
G_VAL [11:0]
281h
FLL1 Forced Integrator Value
R376
(0178h)
FLL1 NCO
Test 0
15
FLL1_INTEG_VA
LID
0
FLL1 Integrator Valid
Indicates if the FLL1_INTEG register is
valid
0 = Not valid
1 = Valid
11:0
FLL1_INTEG
[11:0]
000h
FLL1 Integrator Value (Read-only)
Indicates the current FLL1 integrator
setting. Only valid when
FLL1_INTEG_VALID = 1.
R401
(0191h)
FLL2
Control 1
1
FLL2_FREERUN
1
FLL2 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in
Free-Running mode, and the latest
integrator setting is maintained
R407
(0197h)
FLL2 Loop
Filter Test
1
15
FLL2_FRC_INTE
G_UPD
0
Write ‘1’ to apply the
FLL2_FRC_INTEG_VAL setting.
(Only valid when FLL2_FREERUN=1)
11:0
FLL2_FRC_INTE
G_VAL [11:0]
000h
FLL2 Forced Integrator Value
R408
(0198h)
FLL2 NCO
Test 0
15
FLL2_INTEG_VA
LID
0
FLL2 Integrator Valid
Indicates if the FLL2_INTEG register is
valid
0 = Not valid
1 = Valid
11:0
FLL2_INTEG
[11:0]
000h
FLL2 Integrator Value
(Read-only)
Indicates the current FLL2 integrator
setting. Only valid when
FLL2_INTEG_VALID = 1.
Table 108 Free-Running FLL Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com