Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 288 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 288 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 284Page - Cirrus Logic WM8281ECS/R Datasheet HTML 285Page - Cirrus Logic WM8281ECS/R Datasheet HTML 286Page - Cirrus Logic WM8281ECS/R Datasheet HTML 287Page - Cirrus Logic WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic WM8281ECS/R Datasheet HTML 292Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 392 page
background image
WM8281
288
Rev 4.0
FLL INTERRUPTS AND GPIO OUTPUT
For each FLL, the WM8281 supports
an ‘FLL Clock OK’ signal which, when asserted, indicates that
the FLL has started up and is providing an output clock
. Each FLL also supports an ‘FLL Lock’ signal
which indicates whether FLL Lock has been achieved (ie. the FLL is locked to the input reference
signal).
The FLL Clock OK status and FLL Lock status are inputs to the Interrupt control circuit and can be
used to trigger an Interrupt event -
see “Interrupts”. Note that these Interrupt signals are de-bounced,
and require clocking to be present in order to assert the respective Interrupt; either the 32kHz clock,
or the SYSCLK signal, must be enabled to trigger an Interrupt from the FLL signals.
The FLL Clock OK and FLL Lock signals can be output directly on a GPIO pin as an external
indication of the
FLL status. See “General Purpose Input / Output” to configure a GPIO pin for these
functions. (These GPIO outputs are not de-bounced, and do not require clocking to be present.)
Clock output signals derived from the FLL can be output on a GPIO pin.
See “General Purpose Input /
Output
” to configure a GPIO pin for this function.
The FLL clocking configuration is illustrated in Figure 71.
EXAMPLE FLL CALCULATION
The following example illustrates how to derive the FLL1 registers to generate 147.456 MHz output
(FOUT) from a 12.000 MHz reference clock (FREF):
Set FLL1_REFCLK_DIV in order to generate FREF <=13.5MHz:
FLL1_REFCLK_DIV = 00 (divide by 1)
Set FLL1_OUTDIV for the required output frequency as shown in Table 102:-
FOUT = 147.456 MHz, therefore FLL1_OUTDIV = 2h (divide by 2)
Set FLL1_FRATIO for the given reference frequency as shown in Table 103:
FREF = 12MHz, therefore FLL1_FRATIO = 0h (divide by 1)
Calculate FVCO as given by FVCO = FOUT x FLL1_OUTDIV:-
FVCO = 147.456 x 2 = 294.912 MHz
Calculate N.K as given by N.K = FVCO / (FLL1_FRATIO x 3 x FREF):
N.K = 294.912 / (1 x 3 x 12) = 8.192
Confirm that a non-integer value has been calculated for N.K.
Confirm that the input frequency, FREF, is less than the applicable limit shown in Table 104.
Determine FLL1_N from the integer portion of N.K:-
FLL1_N = 8 (008h)
Determine GCD(FLL), as given by GCD(FLL) = GCD(FLL1_FRATIO x FREF, FVCO / 3):
GCD(FLL) = GCD(1 x 12000000, 294912000 / 3) = 96000
Determine FLL1_THETA, as given by
FLL1_THETA = ((FVCO / 3) - (FLL1_N x FLL1_FRATIO x FREF)) / GCD(FLL):
FLL1_THETA = ((294912000 / 3) - (8 x 1 x 12000000)) / 96000
FLL1_THETA = 24 (0018h)
Determine FLL_LAMBDA, as given by
FLL1_LAMBDA = (FLL1_FRATIO x FREF) / GCD(FLL):
FLL1_LAMBDA = (1 x 12000000) / 96000
FLL1_LAMBDA = 125 (007Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com