Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 292 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 292 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic WM8281ECS/R Datasheet HTML 292Page - Cirrus Logic WM8281ECS/R Datasheet HTML 293Page - Cirrus Logic WM8281ECS/R Datasheet HTML 294Page - Cirrus Logic WM8281ECS/R Datasheet HTML 295Page - Cirrus Logic WM8281ECS/R Datasheet HTML 296Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 392 page
background image
WM8281
292
Rev 4.0
CIF1ADDR
DEVICE ID (CIF1)
Logic 0
0011 010x = 34h (write) / 35h (read)
Logic 1
0011 011x = 36h (write) / 37h (read)
Table 114 Control Interface Device ID Selection
For Control Interface 2, the device ID is selectable using the I2C2_DEV_ID control register, as
described in Table 113. Note that this register identifies bits [7:1] of the CIF2 I2C device ID; the LSB
of the Device ID is the Read/Write bit, as described above.
Under default register conditions, the CIF2 device ID is 34h (write) / 35h (read).
The WM8281 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDA while SCLK remains high. This indicates that a device ID, and
subsequent address/data byte(s) will follow. The WM8281 responds to the start condition and shifts in
the next eight bits on SDA (8-bit device ID, including Read/Write bit, MSB first). If the device ID
received matches the device ID of the WM8281, then the WM8281 responds by pulling SDA low on
the next clock pulse (ACK). If the device ID is not recognised or the R/W bit is set incorrectly, the
WM8281 returns to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8281, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while
SCLK remains high. After receiving a complete address and data sequence the WM8281 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns
to the idle condition.
The WM8281 supports the following read and write operations:
Single write
Single read
Multiple write (with optional auto-increment)
Multiple read (with optional auto-increment)
The sequence of signals associated with a single register write operation is illustrated in Figure 72.
A25
D7
D1
A31
SDA
SCLK
device ID
register address A15
– A8
A24
A15
A8
Note: The SDA pin is used as input for the control register address and data; SDA is
pulled low by the receiving device to provide the acknowledge (ACK) response
R/W
A9
A7
register address A31
– A24
register address A7
– A0
START
(Write)
ACK
ACK
ACK
A17
A23
A16
register address A23
– A16
ACK
data bits B15
– B8
B15
B8
B1
B0
B9
B7
data bits B7
– B0
ACK
ACK
A1
A0
ACK
STOP
Figure 72 Control Interface 2-wire (I2C) Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com