Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 21 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 21 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 17Page - Espros Photonics corp EPC635 Datasheet HTML 18Page - Espros Photonics corp EPC635 Datasheet HTML 19Page - Espros Photonics corp EPC635 Datasheet HTML 20Page - Espros Photonics corp EPC635 Datasheet HTML 21Page - Espros Photonics corp EPC635 Datasheet HTML 22Page - Espros Photonics corp EPC635 Datasheet HTML 23Page - Espros Photonics corp EPC635 Datasheet HTML 24Page - Espros Photonics corp EPC635 Datasheet HTML 25Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
Part No.
Description Pin No.
Value
Toler-
ance
Supply
class VSC
Comments
Min.
Typ.
Max.
C3
VDDA
22 - 42
10 μF
±20%
VDDA
Low ESR
C1
VDDPXH
23 - 42
1 μF
±20%
VDDPXH
Ceramic X7R
C5
VBS
38 - 42
1 μF
±20%
VBS
Ceramic X7R
C9
VDDPLL
33 - 32
1 μF
±20%
VDDPLL
Ceramic X7R
C12
VDD
6 - 39
1 μF
±20%
VDD
Ceramic X7R
C14, C16
VDDIO
36 – 37, 9 - 40
1 μF
±20%
VDDIO
Ceramic X7R
C4
VDDA
22 - 42
100 nF
±20%
VDDA
Ceramic X7R
C6
VBS
38 - 42
100 nF
±20%
VBS
Ceramic X7R
C22
VDDPLL
61 - 62
100 nF
±20%
VDDPLL
Ceramic X7R
C2
VDDPXH
22 - 42
10 nF
±20%
VDDPXH
Ceramic X7R
C11
VDD
6 - 39
10 nF
±20%
VDD
Ceramic X7R
C13, C15
VDDIO
36 – 37, 9 - 40
10 nF
±20%
VDDIO
Ceramic X7R
C7, C8
XTAL
30 – 32, 31 - 32
---
18 pF 2
---
±20%
VDDPLL
Ceramic NPO
L1
VDDPLL
---
100 nH
±20%
VDDPLL
Inductor
X1
XTAL
30 - 31
---
4 MHz
---
±100ppm VDDPLL
Quartz / Resonator
R4 - R15
Bus
termination
0 Ohm
10 Ohm
33 Ohm
±20%
VDDIO
Resistors
R16, R17
I2C pull-up
1 kOhm
±20%
VDDIO
Resistors
R18, R19
I2C address
10 kOhm
±20%
VDDIO
Resistors
Table 10: Values of component related to epc635 chip (Figure 14)
Notes:
1
All other components are application specific.
2
The capacitor value has to be selected according the crystal or resonator supplier's recommendation.
5.2. External Clock
epc635 can be driven by an external 4MHz clock source connected to XTALIN_CLKIN input pin. XTALOUT output pin left unconnected. In-
put clock signal levels must match VDDPLL/VSSPLL supply levels (Table 1).
When the external clock source is coming from +2.5/3.3V voltage domain, a simple resistor divider circuit can be deployed to adjust the
voltage levels. The following resistor values R26/R27 are recommended: 1kΩ/2.2kΩ with +2.5V voltage domain; 1kΩ/1.2kΩ with +3.3V
voltage domain (see Figure 16).
XTALOUT is not designed to drive external loads. Therefore, it is not recommended to use XTALOUT as a “buffered clock source” for an-
other device in the application circuit.
NC
OSC
PLL
R27
2k2/1k2
VDDIO
+2.5V/+3.3V
R26
1k/1k
External clock
XTALOUT
60
XTALIN
_CLKIN
59
VSSIO
VSSIO
epc635
Figure 16: Resistor divider to adjust external clock voltage levels to XTALIN_CLKIN
IMPORTANT: The optical performance of the chip directly depends on the input clock precision/stability; therefore, only a clean, stable
clock must be used as external clock source.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
21 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com