Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 45 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 45 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 41Page - Espros Photonics corp EPC635 Datasheet HTML 42Page - Espros Photonics corp EPC635 Datasheet HTML 43Page - Espros Photonics corp EPC635 Datasheet HTML 44Page - Espros Photonics corp EPC635 Datasheet HTML 45Page - Espros Photonics corp EPC635 Datasheet HTML 46Page - Espros Photonics corp EPC635 Datasheet HTML 47Page - Espros Photonics corp EPC635 Datasheet HTML 48Page - Espros Photonics corp EPC635 Datasheet HTML 49Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
5.9.6. Frame rates and data-out performance
Default Frame and 3D TOF 4x DCS distance measurement
Frame rate:
The epc635 can perform a maximum of 512fps (frames per second) in any mode (1µs integration time, 80MHz mod_clk, 20MHz DCLK,
DLL off, 4x DCS, continuous measurement control).
For 3D TOF, each frame is referred as a DCS frame. Either 4x (with π-delay matching) or 2x (without π-delay matching) DCS frames must
be acquired for one distance calculation. Therefore, the resultant distance measurement rate turns out to be 128 fps or 256 fps respect -
ively.
For the grayscale mode the maximum frame rate applies: 512 fps.
During the burst, each new sample is put on the DATA[7:0] TCMI bus together with XSYNC_SAT_CFG pin at every rising edge, in two
consecutive DCLK cycles (e.g. 2 x 160 = 320 DCKL cycles at default fDCLK = 20MHz). This gives a total burst duration time HSYNC of 32,
16 or 8µs at fDCLK = 10, 20, 40MHz, respectively.
The data-out delay t1st_FRAME_START is defined as the time from the SHUTTER = 1 (or shutter_en = 1 via I2C) to the first sample data coming
out of the TCMI interface, refer to Figure 42 and Table 25. It is < 90µs for 1 µs integration time.
The time of one DCS frame is defined as the time from the SHUTTER = 1 (or shutter_en = 1 via I 2C) to the last sample data coming out of
the TCMI interface.
Symbol
Parameter
Min.
Typ.
12 bit
Typ.
8bit
Units
tDCLK
TCMI readout clock e.g. fDCLK = 20MHz
50
ns
tSHUTTER
Hold time for the signal on pin SHUTTER
250
ns
tSHUTTER_lag
Delay from the rising edge of SHUTTER signal to the 1st LED pulse
18
µs
tINT
Image acquisition (integration time)
tPROC
Delay from the last LED pulse until the 1st row conversion
39.25
µs
tCONV
Conversion time for a pair of half rows (even or odd)
15.75
12.25
µs
tHSYNC
Readout time for a row e.g. fDCLK = 20MHz
16
8
µs
tHSYNC_lag
Delay from the begin of last readout until the 1st LED pulse of next DCS frame
17
µs
tVSYNC_lag
Delay end of HSYNC to end of VSYNC at the end of each DCS frame
50
ns
tVSYNC
Data readout time for one DCS frame e.g. fDCLK = 20MHz
tVSYNC = (2x tCONV x 59 rows) + tHSYNC + tVSYNC_lag
1874.55
1'453.55
µs
Single measurement control mode:
t1st_FRAME_START
Delay from rising edge of SHUTTER signal until start of data readout of 1st frame
89.75
82.75
µs
t1st_FRAME_TOTAL
Total time for reading one DCS or grayscale frame from rising edge of
SHUTTER signal until end of readout of 1st frame
1964.30
1'536.10
µs
Continuous measurement control mode:
tFRAME_continuously
Total time for reading one DCS or grayscale frame
tFRAME_continuously = (2x tCONV x 60 rows) + tHSYNC_lag + tINT + tPROC
1'947.25
1'527.05
µs
t4DCS_continuously
Total time for one 3D TOF distance measurement (4 DCS)
tFRAME_continuously = ((2x tCONV x 60 rows) + tHSYNC_lag + tINT + tPROC ) x 4 DCS
7.789
6.108
ms
Table 25: Timings for one DCS or grayscale frames and for 3D TOF distance measurements (4x DCS)
(Reference: see Figure 42 and Figure 43, fDCLK = 20MHz, tINT = 1µs)
Note:
tInit: In frame cycles having a DLL synchronization tInit = 37µs + tSYNC. = 37µs + DLL pre-synchronization + DLL lock time e.g. tInit = 77µs.
Action
Comments
Value Units
DCS & grayscale frame rate
1 DCS
or a grayscale frame
513
fps
Distance measurement frame rate
4 DCS measurement
128
mps
Table 26: Frame rates based on the Table 25 timing
(Continuous measurement control mode)
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
45 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com