Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 64 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 64 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 60Page - Espros Photonics corp EPC635 Datasheet HTML 61Page - Espros Photonics corp EPC635 Datasheet HTML 62Page - Espros Photonics corp EPC635 Datasheet HTML 63Page - Espros Photonics corp EPC635 Datasheet HTML 64Page - Espros Photonics corp EPC635 Datasheet HTML 65Page - Espros Photonics corp EPC635 Datasheet HTML 66Page - Espros Photonics corp EPC635 Datasheet HTML 67Page - Espros Photonics corp EPC635 Datasheet HTML 68Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
7.10. External modulation MODCLK
The epc635 has for enhanced user applications also the possibility to bring an external modulation clock to the chip. The optional MOD-
CLK input can be used for this to inject in parallel a user controlled/modulated clock for both the LED driver and the pixel demodulator, see
Figure 59.
Memory
Controller
&
Registers
Phase
Detector
m+n
Clock Delay
Pixel
Cont.
&
Seq.
Memory
I2C Slave
TCMI
160x60
Pixel Field
SCL
SDA
VDD
VDDIO
XTALOUT
XTALIN_CLKIN
PLL
CGU
ADC Read-Out
Charge
Pump
13V
EEPROM
LED Driver
LED (open-drain)
Modulator
LEDFB
De-
modulator
DATA[11:0]
DCLK
Temp.
Sensor
VSSLED
VSYNC_PSDIAG_A0
VSSIO
ROW Buffer
VDDPXH
epc635
OSC
VBS
VDDA
VSSA
SHUTTER
JTAG
HSYNC_A1
XSYNC_SAT_CFG
RGU
DLL
0
1
LED2 (push-pull)
Figure 59: The MODCLK signal flow (red marked)
The external MODCLK can be used e.g. in concepts for reliable multi camera applications. It allows to use e.g. frequency-division multiple
access (FDMA). In corresponding literature, the details of these concepts are explained in detail.
The user is free to apply any digital waveform up to 80MHz during frame acquisition as external MODCLK signal. Even more, he is also
free to use modulations like pseudo-random edge jitter, dithering, etc.
The signal from the MODCLK pin is used as far in the register CLK_enables is set to mod_clk_sel = 1, see section 8.7.1.
IMPORTANT:
■ The external modulation clock replaces the internal generated modulation clock, refer also to Table 33. Based on this clock, the modula-
tor generates the modulation sequence according chapter 6., Measurement Modes and the setting in the MOD_Control register.
■ Set DLL_measurement_rate = 0 for switching off the automatic DLL synchronization.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
64 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com