Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 60 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 60 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 56Page - Espros Photonics corp EPC635 Datasheet HTML 57Page - Espros Photonics corp EPC635 Datasheet HTML 58Page - Espros Photonics corp EPC635 Datasheet HTML 59Page - Espros Photonics corp EPC635 Datasheet HTML 60Page - Espros Photonics corp EPC635 Datasheet HTML 61Page - Espros Photonics corp EPC635 Datasheet HTML 62Page - Espros Photonics corp EPC635 Datasheet HTML 63Page - Espros Photonics corp EPC635 Datasheet HTML 64Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
7.6. Special mode setting
In this chapter, the user will find the register setting tables for using special modes. Detailed descriptions are given in the corresponding
chapters of these modes; see chapter 5.7., Pixel-field.
7.6.1. TOF dual DCS acquisition with phase-shifted integration time (motion blur reduction)
■ This mode needs the following basic setting of the MT registers:
MT_0_hi = 0x34, MT_1_hi = 0x3E.
■ Reset the MT registers to the default values after leaving this mode:
MT_0_hi = 0x30, MT_1_hi = 0x35.
Function
MOD_Control
(0x92)
Sine 4x DCS
--- 1
Sine 2x DCS 2
0x14
Grayscale
--- 1
Table 35: Basic measurement mode setting
Notes:
1
Setting is not applicable for this application.
2
Output is effectively 4x DCS in 2 DCS-frames.
7.6.2. TOF and grayscale single DCS acquisition with 2 different integration times (High dynamic range)
Mode
Register setting
Function 1
MOD_Control
(0x92)
MT_8_lo
(0x3C)
Sine 4x DCS
0x3C
0x26
Sine 2x DCS
0x1C
0x26
Ambient only 2
0xCC
0x26
Ambient & non modulated LED/LD 3
0xCC
0x16
Ambient & modulated LED/LD 4
0xCC
0x06
Table 36: Measurement mode setting for high dynamic range TOF and grayscale
Notes:
1
Output is effectively 2 DCS frames with different integration times in each 1 readout frame.
2
Grayscale image passively illuminated by ambient-light only.
3
Grayscale image passively illuminated by ambient-light and actively illuminated by non modulated LED/LD.
4
Grayscale image passively illuminated by ambient-light and actively illuminated by modulated LED/LD.
Note: LED driver is always turned on. Take care that the LED driver and the epc635 chip does not exceed the maximum operating limits.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
60 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com