Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 90 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 90 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 86Page - Espros Photonics corp EPC635 Datasheet HTML 87Page - Espros Photonics corp EPC635 Datasheet HTML 88Page - Espros Photonics corp EPC635 Datasheet HTML 89Page - Espros Photonics corp EPC635 Datasheet HTML 90Page - Espros Photonics corp EPC635 Datasheet HTML 91Page - Espros Photonics corp EPC635 Datasheet HTML 92Page - Espros Photonics corp EPC635 Datasheet HTML 93Page - Espros Photonics corp EPC635 Datasheet HTML 94Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
8.7.19. DLL_control
DLL_control
DLL control
0xAE
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
dll_ctrl
_ext_en
dll_rate
_cnt_rst
dll_ctrl
_ext
dll_fb_pol
dll_bypass
Operation
RW
Default
0
0
0
0
0
0
0
0
0x00
DLL Control:
dll_ctrl_ext_en:
DLL, LED driver, feedback amplifier enable during manual control for delay locking operation
(i.e. Modulator control is completely bypassed)
0: disable
1: enable
IMPORTANT
Is dll_ctrl_ext_en = 1 for manual control, the LED pin toggles continuously until this bit is cleared. If the external
LED driver circuit is not designed for continuous operation, it might cause permanent damage.
Note 1:
When dll_ctrl_ext = 1, DLL_filter_control.dll_filter_ctrl_s1_sel and
DLL_filter_control.dll_filter_ctrl_s2_sel functions are suppressed.
Note 2:
When DLL is operated manually, application SW must set dll_ctrl_ext_en = 0 while keeping dll_ctrl_ext
= 1 to freeze the locked value before starting frame acquisition.
dll_rate_cnt_rst:
DLL measurement rate counter reset
0: normal
1: reset (auto cleared)
dll_ctrl_ext:
Manual control of the delay line using DLL_*ctrl_ext* registers
0: normal
1: manual
dll_fb_pol:
Inverts the polarity of signal at LEDFB pin
0: normal
1: inverted
Note:
dll_fb_pol must be set with respect to LED_driver.led_inv_en value and the external LED/LD circuit
feedback point connected to the LEDFB input (external LED/LD circuit can be inverting or non-inverting
depending on the application).
dll_bypass:
Bypass control of DLL for system delay compensation
0: normal
1. bypass
8.7.20. I2C_TCMI_
I2C_address
I2C_TCMI_register, SEG4 *: Address
0xCA
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
i2c_dev_adr(A6..A2)
reserved
i2c_dev_adr(A1..A0)
Operation
RW
Default
0
0
1
0
0
0
0
0
0x20
i2c_dev_adr(A6..A2):
I2C device address A6 … A2 of 7-bit I2C device address.
Programmable via direct access from I2C or from EEPROM during start-up, followed by an I2C general call “De-
vice address reload” to take it into effect.
i2c_dev_adr(A1..A0):
I2C device address A1, A0 of 7-bit I2C device address.
Programmable only during reset via strap pins using external pull-up resistors.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
90 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com