Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 34 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 34 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp EPC635 Datasheet HTML 36Page - Espros Photonics corp EPC635 Datasheet HTML 37Page - Espros Photonics corp EPC635 Datasheet HTML 38Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
Dual MGX mode with phase-shifted integration time (motion blur reduction)
When dual_mgx_mode = 1 and int_len_mgx1_en = 0, the UE, UO, LE, LO storage gate control signals mgx (mga, mgb) are generated as
two independent groups as mgx0 (mga0, mgb0) and mgx1 (mga1, mgb1). As a result, two correlation frames DCS0 and DCS1 (or DCS2
and DCS3) can be acquired simultaneously (see Figure 32). The upper row pixels store DCS0 (or DCS2) while the lower row pixels store
DCS1 (or DCS3). The vertical pixel pairs (e.g. UE/LE) must be treated for distance calculation as if they are one single pixel. This comes at
the cost of a reduced resolution along the y-axis. The result provides a total of 160x60 pixel-field readout with an effective 3D TOF resolu-
tion of 160x30 pixel.
R6
7
mga0
mgb0
mga1
mgb1
DCS 0
DCS 1
DCS 0
DCS 1
UE
UO
LE
LO
UE
UO
LE
LO
led_mod
mga0
mgb0
mga1
mgb1
t
Int_len
DCS0: mga0 0°, mgb0 180°
DCS1: mga1 90°, mgb1 270°
R6
7
8
9
10
11
12
13
2x 160x30 pixel
Pixel field:
Figure 32: Dual MGX mode with phase-shifted integration time
(upper and lower rows independently controlled by mgx0 and mgx1 with different phase shifts)
IMPORTANT: This mode requires that adjacent pixels look to the same point on the target and receive the same amount of light. Other-
wise, calculated distance values are not reliable.
Dual MGX mode with different integration times (High dynamic range)
When dual_mgx_mode = 1 and int_len_mgx1_en = 1, the UE, UO, LE, LO storage gate control signals mgx (mga, mgb) are generated as
two independent groups as mgx0 (mga0, mgb0) and mgx1 (mga1, mgb1). Both groups provide exactly the same DCS modulation signals
(phases). One stops earlier than the other due to different integration times (see Figure 33). The effect: As a consequence, the two pixels
collect different amount of light simultaneously. There is no restriction about which integration time is shorter or longer with respect to the
other. The upper row pixels integrate with Int_len_hi/lo register value, while the lower row pixels integrate with Int_len_mgx1_hi/lo value.
The upper and lower pixels (e.g. UE, LE) can be used independently for distance calculation. This comes at the cost of a reduced resolu-
tion along the y-axis. Instead of one frame with 160x60 pixels, a single readout provides two DCS or black and white frames with an effect-
ive resolution of 160x30 pixels but with different integration times.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
34 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com