Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC635 Datasheet HTML 1Page - Espros Photonics corp EPC635 Datasheet HTML 2Page - Espros Photonics corp EPC635 Datasheet HTML 3Page - Espros Photonics corp EPC635 Datasheet HTML 4Page - Espros Photonics corp EPC635 Datasheet HTML 5Page - Espros Photonics corp EPC635 Datasheet HTML 6Page - Espros Photonics corp EPC635 Datasheet HTML 7Page - Espros Photonics corp EPC635 Datasheet HTML 8Page - Espros Photonics corp EPC635 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
1. Electrical, optical and timing characteristics
1.1. Operating conditions and electrical characteristics
Typ. operational ratings, TA = +25ºC, unless otherwise stated
Parameter
Description
Conditions/Comments
VSC
Min.
Typ.
Max.
Units
VDD,VDDPLL
Digital supply voltage
Ripple 1 < ± 20 mV
VDD
1.71
1.80
1.98
V
VDDIO
IO supply voltage 3
Ripple 1 < ± 50 mV
VDDIO
2.25
2.5/3.3
3.63
V
VDDA
Analog supply voltage 2
Ripple 1 < ± 20 mV
VDDA
4.9
5.0
5.1
V
VDDPXH
Pixel analog 2 supply voltage 2
Ripple 1 < ± 20 mV
VDDPXH
9.5
10
10.5
V
VBS
Bias supply voltage
Ripple 1 < ±50 mV
VBS
-10.5
-10.0
-9.75
V
IVDD
Digital supply current
@nominal voltage
10
11
mA
IVDDPLL
PLL supply current
@nominal voltage
4
mA
IVDDIO
IO supply current 4
DCLK = 40MHz
15
25
mA
IVDDA
Analog supply current
@nominal voltage
22
33
mA
IVDDPXH
Pixel analog 2 supply current
@nominal voltage
2
2
mA
IVBS
Bias supply current 8
Depending on the amount
of light on the pixel-field
-2.0 8
mA
VDDLED
LED and LEDFB voltage range
VDDLED
VDDA
V
VLED_OFF
Off-voltage at output pin LED
VDDLED
V
VLED_ON
On-voltage at output pin LED (for-
ward voltage)
@ ILED = 200 mA
200
mV
ILED
LED output sink current; on state
modulated peak current
continuous DC current
500
250
mA
mA
ILED_LEAK
LED output leakage current; off
state
VLED max.
10
µA
VLEDFB
LEDFB input voltage range
VDDLED
0
8.5
V
VLEDFB_P2P
LEDFB input voltage peak to peak
0.5
1.8
V
VIH_VDDIO
Digital high level input voltage 5
excluding XTALIN
0.7 x VDDIO
V
VIL_VDDIO
Digital low level input voltage 5
excluding XTALIN
0.3 x VDDIO
V
VIH_XTALIN
Digital high level input voltage
XTALIN
1.35
V
VIL_XTALIN
Digital low level input voltage
XTALIN
0.2
V
VOH
Digital high level output voltage 5, 6
0.8 x VDDIO
V
VOL
Digital low level output voltage 5, 6
0.2 x VDDIO
V
IIH
Digital high level input current 7
VIH max.
10 7
µA
IIL
Digital low level input current 7
VIL min.
-10 7
µA
IOH
Digital output source current 7
VOH max.
50
mA
IOL
Digital output sink current 3
VOL min.
-50
mA
CIO
IO load capacitance 5
30
pF
fIO
IO switching frequency 5
20
80
MHz
PPk
Power dissipation (average)
See Table 27
0.75
W
RTh
Thermal resistance
on PCB with underfill
40
°K/W
TJ
Junction temperature
-40
85
°C
Table 1: Operating conditions and electrical characteristics
Notes:
1
Min. and Max. voltage values include noise and ripple voltages.
2
Analog voltage supplies have direct influence on measurement performance. They must be properly decoupled for low noise and ripple.
3
IO voltage supply must be fixed with respect to external processor's IO supply voltage levels used in the application. It can be set to any
value within min and max. operating voltage.
4
When device is operated at max fDCS frame rate, DCLK at 40MHz, driving loads 15pF each.
5
I2C pins SCL and SDA are open-drain outputs and need termination (Pull-up resistor) according to I2C standards.
6
VOH/OL and IOH/OL values are measured at max CIO and max fIO.
7
Value is without termination resistors
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
5 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com