Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 83 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 83 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 79Page - Espros Photonics corp EPC635 Datasheet HTML 80Page - Espros Photonics corp EPC635 Datasheet HTML 81Page - Espros Photonics corp EPC635 Datasheet HTML 82Page - Espros Photonics corp EPC635 Datasheet HTML 83Page - Espros Photonics corp EPC635 Datasheet HTML 84Page - Espros Photonics corp EPC635 Datasheet HTML 85Page - Espros Photonics corp EPC635 Datasheet HTML 86Page - Espros Photonics corp EPC635 Datasheet HTML 87Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
8.7.4. TCMI_CLK_divider
TCMI_CLK_divider
CGU register, SEG0.*: TCMI clock
0x89
Bit No.
7
6
5
4
3
2
1
0
Bit name
dclk_skew
_en
reserved
tcmi_clk_div
Operation
RW
Default
0
0
0
0
0
0
1
1
0x03
dclk_skew_en:
DCLK skew enable
0: disable
1: enable
Note1: Use dclk_skew_en = 1 to delay DCLK edge (typ. 2ns) to compensate PCB delays.
Might be particularly useful when tcmi_clk_div = 0 (divide by 1).
When set normal, DCLK edge is centered with respect to other TCMI *SYNC*, DATA[7:0] outputs.
tcmi_clk_div:
Provides the clock to the TCMI by integer division of the PLL clock.
Default = 1: ftcmi_clk = 80MHz / (tcmi_clk_div + 1) = 80MHz / 4 = 20MHz
8.7.5. Demodulation_delays
Demodulation_delays
Mod./demod. registers, SEG1 *: Delays
0x8B
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
mgx_del_sel
Operation
RW
Default
0
0
0
0
0
0
0
1
0x01
mgx_del_sel:
Number of pll_clk period delays on the abd, abg, mga, mgb signals in order to compensate internal LED driver
delay (all modulation modes)
0:
no delay
1:
1 clock
2:
2 clocks
…
12:
12 clocks
13 … 15: reserved
Note 1: When DLL is enabled, mgx_del_sel must be initialized to a higher value with respect to the external
LED/LD circuit's initial delay + max. delay deviation over the system's operating conditions.
Minimum recommendation: 2.
Note 2: When mgx_del_sel set > 12 (i.e. 13, 14 or 15), delay is internally limited to 12 pll_clk periods.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
83 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com