Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 1 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 1 Page - Espros Photonics corp

  EPC635 Datasheet HTML 1Page - Espros Photonics corp EPC635 Datasheet HTML 2Page - Espros Photonics corp EPC635 Datasheet HTML 3Page - Espros Photonics corp EPC635 Datasheet HTML 4Page - Espros Photonics corp EPC635 Datasheet HTML 5Page - Espros Photonics corp EPC635 Datasheet HTML 6Page - Espros Photonics corp EPC635 Datasheet HTML 7Page - Espros Photonics corp EPC635 Datasheet HTML 8Page - Espros Photonics corp EPC635 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
DATASHEET – epc635
3D TOF Imager 160 x 60 Pixel
General Description
The epc635 is a fully integrated 3D-TOF imager with a resolution of
160 x 60 pixels (Half-QQVGA). As a system on chip, the epc635
contains next to the CCD pixel-field the complete control logic to
operate the device. The output of the chip is 12 bit DCS distance
data per pixel, which are accessible through a high-speed digital 8-
bit parallel video interface.
Only few additional components are needed to generate a com-
plete 3D camera. Depending on illumination power and optical de-
sign, a resolution in the millimeter range for distances up to dozens
of meters is feasible. Up to 512 full frame TOF images are deliv-
ered in rolling mode. The extremely high sensitivity of the chip al-
lows for a reduced illumination power and reduced overall power
consumption compared to other TOF imagers.
epc635 is based on the same technology and instruction set as the
existing epc660 QVGA TOF imager from ESPROS.
An evaluation kit for the epc635 is available with hard- and soft-
ware examples and a comprehensive manual to speed up system
integration.
Applications
■ People detection and counting
■ Mobile postal parcel size measurement
■ Machine safety
■ Helicopter near terrain flight assistance
■ Car collision avoidance systems
■ Pedestrian detection and breaking systems
■ Man-Machine interface
■ Gesture control
■ Body size measurement
■ General volumetric mapping
■ Mobile robotics
■ Simultaneous localization and mapping (SLAM)
Block Diagram
Memory
Controller
&
Registers
Phase
Detector
m+n
Clock Delay
Pixel
Cont.
&
Seq.
Memory
I2C Slave
TCMI
160x60
Pixel Field
SCL
SDA
VDD
VDDIO
XTALOUT
XTALIN_CLKIN
PLL
CGU
ADC Read-Out
Charge
Pump
13V
EEPROM
LED Driver
LED (open-drain)
Modulator
LEDFB
De-
modulator
DATA[11:0]
DCLK
VBS
Temp.
Sensor
VSSLED
VSYNC_PSDIAG_A0
VSSIO
VSS
ROW Buffer
VDDPXH
epc635
OSC
VDDA
VSSA
SHUTTER
JTAG
HSYNC_A1
XSYNC_SAT_CFG
RGU
DLL
0
1
LED2 (push-pull)
Figure 1: Functional Block Diagram
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
1 / 97
Datasheet_epc635-V1.02
www.espros.com


Similar Part No. - EPC635

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
Time-of-flight range-finder chip
EPC610 EPC-EPC610 Datasheet
830Kb / 34P
8x8 pixel 3D TOF imager
EPC660 EPC-EPC660 Datasheet
1Mb / 16P
3D TOF Imager 320 x 240 Pixel
More results

Similar Description - EPC635

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
160 x 160 Dots Graphic LCD
01-Oct-02
logo
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
logo
Espros Photonics corp
EPC610 EPC-EPC610 Datasheet
830Kb / 34P
8x8 pixel 3D TOF imager
EPC660 EPC-EPC660 Datasheet
1Mb / 16P
3D TOF Imager 320 x 240 Pixel
logo
Vishay Siliconix
LCD-160H160A VISHAY-LCD-160H160A Datasheet
59Kb / 3P
160 x 160 Graphic LCD
26-Mar-09
logo
Testo SE & Co. KGaA
TESTO875I TESTO-TESTO875I Datasheet
1Mb / 2P
Thermal imager
logo
Vishay Siliconix
LCD-160H160A VISHAY-LCD-160H160A_V01 Datasheet
61Kb / 3P
160 x 160 Graphic LCDs
26-Mar-09
LCD-160H160A VISHAY-LCD-160H160A_V02 Datasheet
62Kb / 3P
160 x 160 Graphic LCD
26-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com