Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 81 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 81 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 77Page - Espros Photonics corp EPC635 Datasheet HTML 78Page - Espros Photonics corp EPC635 Datasheet HTML 79Page - Espros Photonics corp EPC635 Datasheet HTML 80Page - Espros Photonics corp EPC635 Datasheet HTML 81Page - Espros Photonics corp EPC635 Datasheet HTML 82Page - Espros Photonics corp EPC635 Datasheet HTML 83Page - Espros Photonics corp EPC635 Datasheet HTML 84Page - Espros Photonics corp EPC635 Datasheet HTML 85Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
DLL_fine_ctrl_ext_lo
DLL manual control: External fine control (low)
0x72
Bit No.
7
6
5
4
3
2
1
0
Bit name
DLL_fine_ctrl_ext[7:0]
Operation
RW
Default
0
0
0
0
0
0
0
0
0x00
DLL_fine_ctrl_ext:
Fine control from user. Valid only when DLL_control.dll_ctrl_ext = 1 (see section 8.7.19., DLL_control)
8.6.9. DLL_coarse_ctrl_ext
DLL_coarse_ctrl_ext
DLL manual control: External coarse control
0x73
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
dll_coarse_ctrl_ext
Operation
RW
Default
0
0
0
0
0
0
0
0
0x00
dll_coarse_ctrl_ext:
Coarse control from user. Valid only when DLL_control.dll_ctrl_ext = 1 (see section 8.7.19., DLL_control)
8.6.10. CFG_Mode_
CFG_Mode_Control
Configuration mode: Control register
0x7D
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
sys_clk
_bypass
pll_bypass
pll_en
reserved
Operation
RW
Default
0
0
0
0
0
1
0
0
0x04 (Note 1)
sys_clk_bypass:
Bypass OSC clock directly to the sys_clk output
0: normal
1: bypass (sys_clk = osc_clk)
pll_bypass:
Bypass OSC clock directly to the PLL output as clock source to the CGU
0: normal
1: bypass (pll_clk = osc_clk)
pll_en:
Enable PLL block
0: disable
1: enable
Note 1:
Default (reset) value is internally modified during start-up sequence. Therefore, when this register is read via I2C, a different
value will be observed.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
81 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com