Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 75 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 75 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 71Page - Espros Photonics corp EPC635 Datasheet HTML 72Page - Espros Photonics corp EPC635 Datasheet HTML 73Page - Espros Photonics corp EPC635 Datasheet HTML 74Page - Espros Photonics corp EPC635 Datasheet HTML 75Page - Espros Photonics corp EPC635 Datasheet HTML 76Page - Espros Photonics corp EPC635 Datasheet HTML 77Page - Espros Photonics corp EPC635 Datasheet HTML 78Page - Espros Photonics corp EPC635 Datasheet HTML 79Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
8.5. Register description: Explanation example
Register name:
MOD_Control **
Description:
Mod./demod. registers, SEG1 *: Modulation select
Address:
0x92
Bit No.
7
6
5
4
3
2
1
0
Bit name
mod_sel
dcs_sel
int_len
_mgx1_en
lfsr_sel
Operation
Access option for the register
■ R
Read
■ W
Write
■ RW
Read or Write
■ (RW)
Note: Needs ESPROS support to access this function by user: Read or Write
Default
Default factory setting of the register or register bits
8.6. Register description: Control Page (0x00 ~ 0x7F)
8.6.1. IC_
IC_TYPE
Unique IC Type for device family identification
0x00
Operation
R
Default
according to type
IC_VERSION
Unique IC Version for device mask identification
0x01
Operation
R
Default
according to mask
8.6.2. EE_ (ADDR, DATA, MASK)
EE_ADDR
Address for indirect read/write access to EEPROM
0x11
Operation
RW
Default
0x00 (note 1)
Note1: Default (reset) value is internally modified during start-up sequence. Therefore, when this register is read via I2C, a different val-
ue may be observed.
EE_DATA
Data for indirect read/write access to EEPROM
0x12
Operation
RW
Default
0x3F
EE_MASK
Mask bits for indirect write access to EEPROM
0x13
Operation
RW
Default
0x00
8.6.3. TCMI ESM registers
TCMI ESM_FS
TCMI ESM frame start label
0x1C
Bit No.
7
6
5
4
3
2
1
0
Bit name
TCMI ESM_FS[7:0]
Operation
RW
Default
0
0
0
1
1
1
1
0
0x1E
TCMI ESM_FS:
TCMI embedded synchronization mode frame start label. Refer to chapter 5.9.4.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
75 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com