Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 9Page - Espros Photonics corp EPC635 Datasheet HTML 10Page - Espros Photonics corp EPC635 Datasheet HTML 11Page - Espros Photonics corp EPC635 Datasheet HTML 12Page - Espros Photonics corp EPC635 Datasheet HTML 13Page - Espros Photonics corp EPC635 Datasheet HTML 14Page - Espros Photonics corp EPC635 Datasheet HTML 15Page - Espros Photonics corp EPC635 Datasheet HTML 16Page - Espros Photonics corp EPC635 Datasheet HTML 17Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
3. Packaging and layout information
3.1. Mechanical dimensions
The center of the effective pixel-field (160x60) is positioned with respect to the center of CSP pin 1 (XSYNC_SAT_CFG) with an offset of
2700µm by 1'000µm (x,y). This point corresponds to intersection of middle of columns C84 - C85 and middle of rows R36 - R37 when
mapped to pixel-field coordinate system on the die (see Figure 29).
The packaging technology is chip scale packaging (CSP).
epc635 pixel-field
160 x 60 pixel
Pixel size: 20µm x 20µm
Top side view
1
2
3
4
5
6
7
9
38
39
25
24
23
22
21
20
40
37
27
28
29
30
31
32
33
34
18
17
16
15
14
13
12
10
35
36
44
26
41
8
11
19
43
42
(0.430)
0.500
2.700
5.500 (12 bumps with 0.5mm pitch)
6.26 +0.00/-0.08
3.200
R6
R65
Pin 1
0.185 ±0.025
(0.050)
Figure 8: Mechanical dimensions
Notes:
■
■ all measures in mm
■ not specified tolerances: ±0.001mm
■ Dimensions in brackets: informal only
■ Top side is illumination side
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
13 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com