Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 74 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 74 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 70Page - Espros Photonics corp EPC635 Datasheet HTML 71Page - Espros Photonics corp EPC635 Datasheet HTML 72Page - Espros Photonics corp EPC635 Datasheet HTML 73Page - Espros Photonics corp EPC635 Datasheet HTML 74Page - Espros Photonics corp EPC635 Datasheet HTML 75Page - Espros Photonics corp EPC635 Datasheet HTML 76Page - Espros Photonics corp EPC635 Datasheet HTML 77Page - Espros Photonics corp EPC635 Datasheet HTML 78Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
Address Register name
Ref.
Description
Access
standard
Access
advanced
DLL control registers
0xAC
0xAD
reserved
---
---
0xAE
DLL_control
8.7.19.
DLL control
RW
RW
0xAF
...
0xC9
reserved
---
---
I2C and TCMI registers, SEG4 *
0xCA
I2C_address
8.7.20.
I2C and TCMI register, SEG4 *: Address
R
R
0xCB
I2C_TCMI_control
8.7.20.
I2C and TCMI register, SEG4 *: Control
RW
RW
TCMI registers
0xCC
TCMI_polarity
8.7.21.
TCMI register
RW
RW
ADC control registers, SEG5 *
0xCD
ADC_ramp
8.7.22
ADC control registers, SEG5 *
0xCE
…
0xDE
reserved
---
---
DLL filter register
0xDF
DLL_filter_control
8.7.23
DLL filter register
0xE0
…
0xE7
reserved
---
---
Temperature sensor calibration registers (factory settings)
0xE8
Temp_tl_cal1
8.7.24.
Temperature sensor calibration
R
RW
0xE9
Temp_tl_cal2
8.7.24.
Temperature sensor calibration
R
RW
0xEA
…
0xEF
reserved
---
---
Free EEPROM registers (for customer use), SEG6 *
0xF0
User_1
8.7.25.
User register 1 for user data
RW
RW
0xF1
User_2
8.7.25.
User register 2 for user data
RW
RW
0xF2
...
0xF4
reserved
---
---
CHIP ID registers (factory settings), SEG7 *
0xF5
CUSTOMER_ID
8.7.26.
Chip ID register SEG6 *: Customer ID
R
R
0xF6
0xF7
WAFER_ID_MSB
WAFER_ID_LSB
8.7.27.
Chip ID register SEG6 *: Wafer ID
R
R
0xF8
0xF9
CHIP_ID_MSB
CHIP_ID_LSB
8.7.28.
Chip ID register SEG6 *: Chip ID on wafer
R
R
0xFA
PART_TYPE
8.7.29.
Chip ID register SEG6 *: Part type
R
R
0xFB
PART_VERSION
8.7.29.
Chip ID register SEG6 *: Part version
R
R
0xFC
…
0xFF
reserved
---
---
Table 41 cont.: Address map of EEPROM page-0 (0x80 ~ 0xFF)
Notes:
*
EEPROM protected segments. Protection will be enabled during production testing.
**
Shadowed (double-buffered) registers which can be updated on-the-fly via I2C, while a frame acquisition is going on.
The new values get copied and used at the start of the next frame.
Shadow registers can be bypassed by setting Pixel_test(0x7B).shadow_regs_bypas s = 1. In this case, written values take effect
immediately.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
74 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com