Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 63 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 63 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 59Page - Espros Photonics corp EPC635 Datasheet HTML 60Page - Espros Photonics corp EPC635 Datasheet HTML 61Page - Espros Photonics corp EPC635 Datasheet HTML 62Page - Espros Photonics corp EPC635 Datasheet HTML 63Page - Espros Photonics corp EPC635 Datasheet HTML 64Page - Espros Photonics corp EPC635 Datasheet HTML 65Page - Espros Photonics corp EPC635 Datasheet HTML 66Page - Espros Photonics corp EPC635 Datasheet HTML 67Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
7.9. Enhanced rolling DCS frame mode
epc635 allows to set for each single DCS access own parameters. This opens also the possibility to acquire in time-sequence DCSx
frames with e.g. different integration times for expanding the dynamic range. The example shown here is using two integration times: 50 µs
for detecting short range objects and 2ms doing the same for the long range.
ADC
TCMI
ADC
TCMI
ADC
TCMI
ADC
TCMI
ADC
TCMI
ADC
TCMI
ADC
TCMI
ADC
TCMI
DCS0(n)
DCS1(n)
DCS2(n)
DCS3(n)
DCS0(n+1)
DCS Acquisition
Illumination
ADC & Readout
Data transfer epc660
16b Parallel
16b Parallel
16b Parallel
16b Parallel
FPGA Processing
Data transfer FPGA
16b Parallel
TOF image (x)
Distance frame (x)
Distance frame (x+1)
Distance frame (x+2)
Distance frame (x-1)
TOF frame 0.15 … 5.0m
2ms integration time
long distance 0.8 ... 5.0m
short & long distance
50µs integration time
short distance 0.15 … 0.8m
10ms equiv. 100fps
Figure 56: Enhanced rolling mode sequence
In such a case the application is responsible e.g. by FPGA to control the epc635 in the right manner and to decouple the data stream ac -
cordingly. The distance per pixel will be calculated out of the data with best exposure, means quality parameters matches best to the nec -
essary quality conditions for good distance calculation. Figure 57 and Figure 58 show a corresponding block diagram and data flow.
The main advantage of such solution is the time equidistant acquisition of the DCSx data in a multi-integration-time (multi-exposure) mode.
Illumination
epc635
CUSTOMER's
FPGA
CUSTOMER's
Host System
TCMI
e.g. 16b Parallel Interface
Shutter
I2C
I2C
Commands,
Start/Stop
Sequence
Configuration
Registers
0..20
M
S
M
M
S
Image Capture
4 DCS
Processing the 4 DCS
in FPGA:
Distance calculation
Confidence calculation
FPN correction
Temperature compensation
4th order compensation
Amplitude compensation
e.g. Distance & Confidence
Figure 57: Block diagram
Figure 58: Data flow
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
63 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com