Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 35 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 35 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp EPC635 Datasheet HTML 36Page - Espros Photonics corp EPC635 Datasheet HTML 37Page - Espros Photonics corp EPC635 Datasheet HTML 38Page - Espros Photonics corp EPC635 Datasheet HTML 39Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
R6
7
mga0
mgb0
mga1
mgb1
UE
UO
LE
LO
UE
UO
LE
LO
t
Int_len
t
Int_len_mgx1
led_mod
mga0
mgb0
mga1
mgb1
DCS0: mga0 0°, mgb0 180°
DCS0: mga1 0°, mgb1 180°
R6
7
8
9
10
11
12
13
2x 160 x 30 pixel
Pixel field:
DCS 0
DCS 0
DCS 0
DCS 0
Figure 33: Dual MGX mode with different integration times
(upper and lower rows independently controlled by mgx0 and mgx1. One stops earlier than the other)
ADC conversion speed-up
Applications which need e.g. only 8-bit resolution e.g. grayscale mode, the frame rate can be increased further by reducing the resolution
of the ADC conversion from 12-bit default to 8, 9, 10, 11-bit optional which reduces the conversion time according Table 14.
The trade-off for 8-bit resolution (e.g. grayscale mode, setting adc_res_sel = 1 and adc_numlsb_sel = 00) is an increase of the overall
frame rate by more than 20%.
The bit-fields adc_res_sel and adc_numlsb_sel in ADC_ramp register (see chapter 8.7.22) select the ADC read-out resolution. The SIR_lo
register (0x9D) and the ISOURCE_CLK_divider (0x88) must be adjusted in parallel. Table 14 shows valid combinations to get the best per-
formance.
This mode can be combined with the 8-bit TCMI data format by setting tcmi_data_format_sel = 11 to effectively interface to an 8-bit paral -
lel interface CPU/FPGA in the application (see chapter 8.7.20).
Register
ADC Resolution
Name
Address
8-bit
9-bit
10-bit
11-bit
12-bit
ADC_ramp
0xCD
0x1B
0x5B
0x9B
0xDB
0x13
ISOURCE_CLK_divider
0x88
0x27
0x2E
0x34
0x3A
0x3F
SIR_lo
0x9D
0x34
0x3B
0x42
0x49
0x50
Conversion time
12.25 µs
13.125 µs
14 µs
14.875µs
15.75 µs
Table 14: ADC resolution setting for signed data format (adc_skip_signmsb_en='0', default)
Skipping sign bit in grayscale mode
Grayscale mode uses single-ended readout (refer to chapter 5.7.2). However, the sign-bit is always generated as the 1st MSB. This is re-
gardless of the unsigned or two's-complement mode selected by the tcmi_data_pol bit in the TCMI_polarity register. Therefore, when 8-bit
ADC resolution is combined with 8-bit TCMI data format, sign-bit (MSB) gives out always a fixed value 1 for unsigned, 0 for two's-comple-
ment. Hence, samples are effectively generated with 7-bit resolution.
The sign bit can be skipped by setting adc_skip_signmsb_en = 1. In combination with adc_res_sel =1 and adc_numlsb_sel = 00, 8-bit ef-
fective resolution is selected. ADCs are forced to 9-bit resolution (sign-bit + 8-bit data, with a penalty of + 0.875µs conversion time) during
read-out while the sign-bit is skipped during data-out. It sends 8-bit effective data via TCMI.
Setting the adc_skip_signmsb_en =1 will yield 9-, 10-, 11-bit resolution when combined with adc_numlsb_sel = 01, 10, 11, respectively.
Table 15 shows valid combinations to get the best performance.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
35 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com