Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 48 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 48 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 44Page - Espros Photonics corp EPC635 Datasheet HTML 45Page - Espros Photonics corp EPC635 Datasheet HTML 46Page - Espros Photonics corp EPC635 Datasheet HTML 47Page - Espros Photonics corp EPC635 Datasheet HTML 48Page - Espros Photonics corp EPC635 Datasheet HTML 49Page - Espros Photonics corp EPC635 Datasheet HTML 50Page - Espros Photonics corp EPC635 Datasheet HTML 51Page - Espros Photonics corp EPC635 Datasheet HTML 52Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
5.10. Power consumption levels
The epc635 has mainly 7 power states/levels during the different operation phases. RESET state is the lowest, INTEGRATE is the highest
average power consumption level.
Power state
Power [mW]
Operation description
RESET
TBD
All supplies are ON, RESET = 0,
Oscillator is ON, PLL and all system system clocks are OFF
READY
170
RESET = 1, PLL and all system clocks ON, waiting for SHUTTER
INTEGRATE
270
SHUTTER = 1 or shutter_en= 1 via I2C, integrating
CONVERSION
TBD
Integration finished, conversion of rows
CONVERSION + DATAOUT
TBD
Transmit row data via TCMI while converting next row
DATAOUT
244
Transmit last row data via TCMI
Table 27: Typical average power consumption levels at different operating states (integration time < 5ms)
Con...
Dat...
Frames
Conversion even
R65
Data out
R65, 1st
Conversion odd
R65
Data out
R65, 2nd
Conversion even
R64
Conversion odd
R64
Data out
R6, 1st
Data out
R6, 2nd
Integration
Init
Conversion odd
R6
Integration
Init
Con...
SHUTTER
RESET
0.1
0.9
1.5
P [W]
INTEGRATE
READY
RESET
CONVERSION
CONVERSION
CONVERSION
CONVERSION
DATAOUT
DATAOUT
Figure 46: Power consumption levels and operating states
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
48 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com