Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 93 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 93 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 89Page - Espros Photonics corp EPC635 Datasheet HTML 90Page - Espros Photonics corp EPC635 Datasheet HTML 91Page - Espros Photonics corp EPC635 Datasheet HTML 92Page - Espros Photonics corp EPC635 Datasheet HTML 93Page - Espros Photonics corp EPC635 Datasheet HTML 94Page - Espros Photonics corp EPC635 Datasheet HTML 95Page - Espros Photonics corp EPC635 Datasheet HTML 96Page - Espros Photonics corp EPC635 Datasheet HTML 97Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
8.7.23. DLL_filter_control
DLL_filter_control
DLL_filter_control
0xDF
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
dll_filter_ctrl_s2_sel
reserved
dll_filter_ctrl_s1_sel
Operation
RW
Default
0
0
0
0
0
0
0
0
0x00
dll_filter_ctrl_s2_sel:
Weighted averaging DLL match values between DCS frames. This filter can be programmed to run at
every 2, 4, 8, … 128 DCS frame, depending on the weight selected using this register. Once the DLL is
disabled, the average values are overriding the manual control.
000: disable
001: weight 1/2
010: weight 1/4
011: weight 1/8
100: weight 1/16
101: weight 1/32
110: weight 1/64
111: weight 1/128
dll_filter_ctrl_s1_sel:
Weighted averaging DLL match values during synchronization for one DCS frame. This filter can be pro-
grammed to run at every 8, 16, 32, … 512 LED pulse (i.e. runs at modulation clock frequency), depending
on the weight selected using this register. Once the DLL is disabled, the average values are overriding the
manual control.
000: disable
001: weight 1/8
010: weight 1/16
011: weight 1/32
100: weight 1/64
101: weight 1/128
110: weight 1/256
111: weight 1/512
Note:
When DLL_control.dll_ctrl_ext = 1, dll_filter_ctrl_s1_sel and dll_filter_ctrl_s2_sel functions are suppressed.
8.7.24. Temp_
Temp_tl_cal1
Temperature sensor calibration
0xE8
Bit No.
7
6
5
4
3
2
1
0
Bit name
Temp_tl_cal1[7:0]
Operation
RW
Temp_tl_cal1:
Temperature offset correction for calculation according the formula in chapter 5.8 by the application SW.
Range approx. -27 … +27ºC with around 0.2ºC steps. The reference temperature is +27ºC.
0x7F (127) corresponds to 0ºC offset. 0xFF means not calibrated.
Temp_tl_cal2
Temperature sensor calibration
0xE9
Bit No.
7
6
5
4
3
2
1
0
Bit name
Temp_tl_cal2[7:0]
Operation
RW
Temp_tl_cal2:
Temperature slope correction for calculation according the formula in chapter 5.8 by the application SW.
0.01LSB/ºC. 0x7F (127) corresponds to 0LSB/ºC. 0xFF means not calibrated.
8.7.25. User_
User_1
User register 1 for user data
0xF0
Operation
RW
Default
0x00
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
93 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com