Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 36 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 36 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp EPC635 Datasheet HTML 36Page - Espros Photonics corp EPC635 Datasheet HTML 37Page - Espros Photonics corp EPC635 Datasheet HTML 38Page - Espros Photonics corp EPC635 Datasheet HTML 39Page - Espros Photonics corp EPC635 Datasheet HTML 40Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
Register
ADC Resolution
Name
Address
8-bit
9-bit
10-bit
11-bit
12-bit
ADC_ramp
0xCD
0x5B
0x9B
0xDB
0x13
n/a
ISOURCE_CLK_divider
0x88
0x2E
0x34
0x3A
0x3F
n/a
SIR_lo
0x9D
0x3B
0x42
0x49
0x50
n/a
Table 15: ADC resolution setting for unsigned data format (adc_skip_signmsb_en = 1)
5.7.3. Pixel saturation detection
The pixels collect continuously modulated and non-modulated ambient light during the integration period. Depending on these light intens-
ities, sometimes the pixels collect more charge (over-exposure) than they can accommodate in their storage gates (refer to Figure 30). In
such a case, the 12 bit sample data is not valid and cannot be used. Therefore, each pixel generates a “saturation detection” flag along
with the sample data, so that the data can be discarded by the application.
The saturation flag is generated in the pixel binning modes as well. It is set when one or more storage gates of the binned pixels is/are sat-
urated or the sum thereof. Due to this architecture, two binned pixels cannot collect twice the full storage gate charge.
The saturation detection flag is transmitted via XSYNC_SAT_CFG pin synchronously to the DATA[11:0] for every 12 bit pixel sample. If
XSYNC_SAT_CFG pin is programmed for an another function by setting tcmi_xsync_sat_sel = 0 or not connected at all,
tcmi_data_sat_en = 1 can optionally drive all DATA[11:0] pins to 0xFFF when the pixel is saturated (see TCMI_polarity register in chapter
8.4., Table 41, TCMI registers). In this configuration, the application must discard those samples equal to 0xFFF, otherwise use it for calcu-
lation.
5.7.4. Ambient-light suppression
An important function of the 3D TOF pixel is the ambient-light suppression. It is the ability to separate the reflected modulated light and
suppress the the ambient light. The user has not to take care of this because it is built-in in the pixel. It removes the common mode distor -
tion (DC or low frequent signal) caused by foreign light sources (e.g. sunlight, daylight, room illumination, etc) automatically from the mea -
surement signal by using only the charge difference in the storage gates (see Figure 30).
Similar to the system sensitivity to modulated light, is the ambient-light suppression also a function of the integration time. The longer the
integration time, the more unwanted light will be detected.
Table 7 lists the minimum values for the ambient-light suppression as a function of the wavelength and as well as compared to sunlight.
Notes:
■ The ambient-light suppression of the chip must not be mistaken with the ambient-light measurement. It is a fixed built-in functionality
which is removing the ambient-light from the measurement signal only.
■ DC and AC photo-signals can be generated by ambient-light (e.g. sunlight) or by cross-talk from the IR-LEDs. However, if these are
above the stated maximum values, the sensor or the input electronics are saturated. This blocks the detection of the TOF modulation
signal.
5.8. Temperature sensor
A temperature sensor is located near the pixel-field (Figure 29). It is not calibrated and reads the values as they are. Values can be read
on-the-fly via I2C interface while frame acquisition is going on. The sensor is sampled synchronously to the row readout cycles. Four con-
secutive readings are summed up to the resulting 14 bit value written into the Sum_Temp_xx_hi/lo registers (see Table 40, Temperature
sensor registers). After frame start, four row readout cycles must be performed for getting a valid value because every frame-start resets
the temperature sensor.
An approximative temperature can be calculated from the values Sum_Temp_ti to (chapter 8.6.6), Temp_ti_cal1, Temp_ti_cal2 (refer to
chapter 8.7.24 for description and validity) according the following formula
Temperture T [ºC]
= (
Sum_Temp_ti
4
− 2'048LSB
)−1'400LSB+(Temp_ti_cal1−127LSB)
4.68 LSB/ºC
+ (Temp_ti_cal2 − 127LSB)⋅0.01 LSB/ºC
+ 27ºC
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
36 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com