Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 69 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 69 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 65Page - Espros Photonics corp EPC635 Datasheet HTML 66Page - Espros Photonics corp EPC635 Datasheet HTML 67Page - Espros Photonics corp EPC635 Datasheet HTML 68Page - Espros Photonics corp EPC635 Datasheet HTML 69Page - Espros Photonics corp EPC635 Datasheet HTML 70Page - Espros Photonics corp EPC635 Datasheet HTML 71Page - Espros Photonics corp EPC635 Datasheet HTML 72Page - Espros Photonics corp EPC635 Datasheet HTML 73Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
8. Control registers and EEPROM
8.1. Memory map
The epc635 control registers (RAM) are used for controlling all features of the chip. They are organized as 256x8 bit into 0x00 ... 0xFF ad-
dress locations. The address space 0x80 ... 0xFF is EEPROM backed-up. Parameters in this section can be stored permanently between
the power off/on cycles. All registers can be accessed through I2C interface by the application CPU (see chapter 5.4. I2C Slave). Multiple
byte registers are stored as big-endian in the memory map.
It is further split into two pages as Control Page (0x00 ... 0x7F) and as EEPROM Page-0 (0x80 ... 0xFF).
0x00
IC_TYPE
IC_VERSION
0x01
0x10
0x7F
Control page
8 bit registers
MT_0_hi
MT_0_mi
0x11
EE_PAGE
EE_ADDR
0x22
0x23
0x40
0x41
0x47
0x48
0x00
Instruction #0
Instruction #1
Instruction #63
0x01
0x3F
TCMI sequencer
memory
0x00
Instruction #0
Instruction #1
Instruction #191
0x01
0xBF
Pixel sequencer
memory
0x80
CLK_enables
0xFF
0xFE
0xFD
0xFC
0xFB
PART_VERSION
PART_TYPE
CHIP_ID_LSB
CHIP_ID_MSB
0xFA
0xF9
0xF8
WAFER_ID_LSB
WAFER_ID_MSB
0xF7
0xF6
0xF0
EEPROM page
8 bit registers
ID Section
0x80
0xFF
0xFC
0xFB
0xF0
EEPROM
8 bit registers
Copy after reset
Direct access
Indirect access through EEPROM page and access registers
Figure 68: Memory Map
8.2. Control page
The control page contains only RW accessible configuration registers with default values during startup. The content can be changed via
I2C interface. The changed values are preserved as long as the IC is powered. The registers reset back to their default values with a pow-
er-reset cycle or with a reset cycle alone.
8.3. EEPROM page, EEPROM and its charge pump
The epc635 has an 128x8-bit embedded EEPROM to store operation parameters, trimming and calibration values.
The EEPROM page address space (RAM) contains RW accessible configuration registers. Their content can be saved into the on-chip
128 x 8-bit EEPROM. It is mapped exactly one-to-one in the same RAM address space. There are various methods how the content of
EEPROM can be saved or copied back and forth with the actual RW configuration registers (for details, refer to chapter 5.4.7., Control
commands).
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
69 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com