Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 33 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 33 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 29Page - Espros Photonics corp EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp EPC635 Datasheet HTML 36Page - Espros Photonics corp EPC635 Datasheet HTML 37Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
A - B
A (UE)
B (UE)
R6
7
UE
UO
LE
LO
Difference SGA - SGB and saturation detection
e-
Integration
e-
12-bit
ADC
+
-
A
B
Digital read-out
SAT
saturation detection
saturation detection
Data
SAT
e-
SGA
SGB
SGB
SGA
e-
DCS0: mga 0°; mgb 180°
led_mod
mga0
mgb0
t
Int_len
Figure 30: The 2x2 pixel group and the simplified function overview
Each pixel has its own pair of storage gates SGA and SGB. During the integration time, they accumulate the charges (e-) created by the
reflected modulated light coming from the object (see section 6., Measurement Modes). They are controlled by the mga and mgb demodu-
lation signals. After the measurement is finished, the readout phase starts. The charges stored in the storage gates SGA and SGB are
read out as a difference A – B (ambient-light suppression) and converted into a single 12-bit digital value and a 1 bit saturation flag.
Depending of the operation mode the ADC readout is different:
Differential mode:
Used for 3D TOF sine. It shows the difference of the two storage gate charges.
Digital output values are signed values.
Single-ended mode:
Used for grayscale images. It shows the charge of the selected storage gate.
For the SGA readout the conversion result is a positive 11-bit value (negative numbers are clipped).
For the SGB readout the conversion result is a positive 11-bit value (inverted value with negative numbers
clipped).
IMPORTANT:
Refer to chapter 8.7.21. for setting correct data format 2's complement integer (tcmi-data-polarity).
The application software must take care about the negative (-) single ended sample value, accordingly.
Single MGX mode (default)
When dual_mgx_mode = 0, all UE, UO, LE, LO storage gates work simultaneously during measurement operation. The storage gate con-
trol signals mga, mgb that are coming to all pixels are driven identically. In this mode, one DCS frame (0 …3) is acquired at the time (see
Figure 31).
UE
UO
LE
LO
DCS0: mga0 0°, mgb0 180°
R6
7
led_mod
mga0
mgb0
t
Int_len
R6
7
8
9
10
11
12
13
160x60 pixel
Pixel field:
Figure 31: Single MGX mode: upper and lower pixel rows are controlled identically with mgx0
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
33 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com