Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 55 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 55 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 51Page - Espros Photonics corp EPC635 Datasheet HTML 52Page - Espros Photonics corp EPC635 Datasheet HTML 53Page - Espros Photonics corp EPC635 Datasheet HTML 54Page - Espros Photonics corp EPC635 Datasheet HTML 55Page - Espros Photonics corp EPC635 Datasheet HTML 56Page - Espros Photonics corp EPC635 Datasheet HTML 57Page - Espros Photonics corp EPC635 Datasheet HTML 58Page - Espros Photonics corp EPC635 Datasheet HTML 59Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
7.3. 3D TOF distance measurement flow
A final 3D TOF distance image will be done with different process steps according to Figure 51. Both interfaces of the epc635 are used:
The I2C for configuration, mode selection and temperature reading (blue marked in the following figures) and the high-speed TCMI for
reading the frame data (red marked in the following figures).
The sequence starts with the initialization of the epc635 registers with the necessary and correct configuration parameters. Next, the TOF
measurement with the expected mode (sine 4x DCS, or 2x DCS) will be performed. Depending of the application and the ambient condi-
tions (ambient-light, changing temperature conditions), the TOF measurement needs some compensation. For the purpose of more accu -
rate ambient-light compensation, a grayscale measurement without illumination captures the background light level. Reading of the on-chip
temperature sensor (from time to time) helps to compensate thermal influences caused by e.g. the LEDs, the optical filters and the epc660
chip. After the rearrangement of the grayscale image to the correct pixel orientation, the final 3D TOF distance image can be calculated
with all for the application necessary compensations.
Perform TOF measurement
Perform black & white measurement
?
CPU on I2C: Initialization epc635
START TOF measurement
CPU: Calculate TOF distance image
CPU: Arrange greyscale image
Next TOF measurement
Stop
END TOF measurement
CPU on I2C: Read Temperature
Figure 51: Generic 3D TOF distance measurement flow
The process flows for distance measurements and for grayscale images are similar, see Figure 52. The main differences are the mode se-
lection, see Table 32 and depending thereof the number of frames, which need to be read out during a process cycle. After mode setting,
the cycle will be started by applying the SHUTTER signal. Once the SHUTTER is stimulated, the epc635 executes the measurement until
the end of the sequence automatically. The application CPU has to follow accordingly by reading out the collected data until the end of se -
quence.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
55 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com