Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 37 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 37 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp EPC635 Datasheet HTML 36Page - Espros Photonics corp EPC635 Datasheet HTML 37Page - Espros Photonics corp EPC635 Datasheet HTML 38Page - Espros Photonics corp EPC635 Datasheet HTML 39Page - Espros Photonics corp EPC635 Datasheet HTML 40Page - Espros Photonics corp EPC635 Datasheet HTML 41Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
5.9. TOF camera interface (TCMI)
The TOF Camera Module Interface (TCMI) is a programmable high-speed parallel data output interface to down-load the pixel data.
The TCMI interface provides:
■ Programmable active high/low logic levels on all clock and control signals individually (default: all active high).
■ Programmable output clock rates.
■ 12-bit parallel output with 1 bit saturation flag transferred in two bytes on TCMI interface.
■ The output data format is programmable: 12-bit mode, lsb/msb split mode, msb/lsb split mode, 8-bit mode.
■ Programmable 'ITU-R 656 like' synchronization options which allows easy connection to a wide variety of high-performance low-cost
SoC embedded processors. It supports hardware synchronization, but not embedded 0xFF/0x00 sync data packets.
When the integration period is terminated and ADC conversion is finished, the readout results are moved into the data out buffers to be im-
mediately transmitted via the TCMI interface. The conversion of one row takes in total 31.5µs.
Depending of the mode selection (4x DCS, 2x DCS, ...) a programmable number of DCS frames are generated by the epc635. The gener-
ated data is streamed out as a complete block of 1 DCS frame, one after the other following the procedure described in chapter 5.7. Each
row contains 12-bit DCS values and the SAT bit.
The pixel values are streamed out as 12 bit signed numbers. The rows are streamed out in sequence from the bottom to the top e.g.
R65 (C4, C5, … C163), R64 (C4, C5, … C163) and so on until R6 (C4, C5, … C163). The stream-out of one row takes 16µs with default
clock settings (40MHz TCMI clock rate).
The transfer of a DCS frame should not be interrupted or stopped, once it is started. The application should have enough bandwidth to re -
ceive all transmitted frames.
IMPORTANT:
Refer to chapter 8.7.21. for setting correct data format 2's complement integer (tcmi-data-polarity).
The application software must take care about the negative (-) single ended sample value, accordingly.
5.9.1. TCMI clock mode
The TCMI supports two clock modes: Continuous clock (default) and gated clock. Both modes use internal tcmi_clk as a time base. The
user must program the appropriate clock speed before running the TCMI. It sets the output data transfer rate (refer to signal DCLK).
The frequency is programmable to 10, 20, 40, 80MHz. The user application is responsible to set the correct clock rate in order to achieve
the most efficient data acquisition throughput for the target application. The choice depends on user system factors such as e.g. applica-
tion CPU/DSP's GPIO and/or bus speeds.
tcmi_clk_div (0x89)
10MHz DCLK
20MHz DCLK
40MHz DCLK
80MHz DCLK
[#]
[#]
[#]
[#]
4
2 (default)
1
0
Table 16: DCLK settings
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
37 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com