Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 7Page - Espros Photonics corp EPC635 Datasheet HTML 8Page - Espros Photonics corp EPC635 Datasheet HTML 9Page - Espros Photonics corp EPC635 Datasheet HTML 10Page - Espros Photonics corp EPC635 Datasheet HTML 11Page - Espros Photonics corp EPC635 Datasheet HTML 12Page - Espros Photonics corp EPC635 Datasheet HTML 13Page - Espros Photonics corp EPC635 Datasheet HTML 14Page - Espros Photonics corp EPC635 Datasheet HTML 15Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
Pin
No.
Pin name
Supply class
VSC
Pin type
Rst func
Rst level
Description
Analog pins
26 LED
VDDLED
AOD
VLED max
LED/LD driver open-drain output 3
24 LEDFB
VDDLED
AI
VLEDFB max
LED/LD driver feedback input 3
20 PIN20
---
---
Reserved. Connect to VSSA with 10 kOhm
21 PIN21
---
---
Reserved. Connect to VSSA with 10 kOhm
43 PIN43
VDDPXH
AI
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
44 PIN44
VDDPXH
AI
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
Supply pins, digital
36 VDDIO1
VDDIO
PWR
IO supply VDDIO
9
VDDIO2
VDDIO
PWR
IO supply VDDIO
6
VDD
VDD
PWR
Digital supply VDD
33 VDDPLL
VDDPLL
PWR
PLL supply
37 VSSIO1
VDDIO
GND
IO ground VSSIO
40 VSSIO2
VDDIO
GND
IO ground VSSIO
41 VSSIO3
VDDIO
GND
IO ground VSSIO
39 VSS
VDD
GND
Digital ground VSS
32 VSSPLL
VDDPLL
GND
PLL ground
Supply pins, analog
22 VDDA
VDDA
PWR
Analog supply VDDA
38 VBS
VBS
PWR
Bias supply
23 VDDPXH
VDDPXH
PWR
Pixel analog 2 supply VDDPXH
42 VSSA
VDDA
GND
Analog ground VSSA
25 VSSLED
VDDLED
GND
LED/LD driver ground (return current) 2
Table 8 cont.: Pin list
Notes:
1
DIO pin is configured as input with internal pull-down resistor enabled during RESET = 0 (active), only. As soon as RESET is driven to 1,
pins stay in that state for another 4x osc_clk periods (see chapter 5.3.3., Strap pins), then the pin is configured as output, finally the in-
ternal pull-down resistor is disabled. From this moment on, the pin can be used for normal output function.
2
VSSLED is the dedicated, isolated GND pin for the LED/LD return-current from external circuitry. It must be connected to PCB GND
plane together with the other VSSA GND pins.
3
LED output can be used to drive an external amplifier with an addition of a pull-up resistor. The voltages at LED output and LEDFB input
pins must not exceed values in Table 1: Operating conditions and electrical characteristics.
LED2 output is a push-pull driver for delivering symmetric rise/fall times to the external LED driver circuit. LED2 is internally connected to
VDDIO/VSSIO supplies. During integration time, all TCMI pins are silent except for DCLK. As a result, LED2 pin will not pick up switch -
ing noise from all other TCMI pins. This can be avoided by using gated DCLK mode. When the TCMI interface is slowed down by setting
DCLK <= 10MHz, data-out phase of the last two rows may overlap with the next frame's integration time as another noise source (for
very short integration times <100µs). This can be avoided by SEQ_Control.pixel_seq_wait_row_done_en = 1 (default) with a small re-
duction on the frame rate.
LED and LED2 must not be used simultaneously for driving LED circuits on the PCB. They exhibit different insertion delays and may
cause unpredicted distance offset/measurement results.
4
RESET pin has a 600kΩ (typical) internal pull-down resistor. Therefore, this pin can be safely connected to a standard GPIO of a CPU
which is initially high-Z or open-drain during power up sequence. Once the SW takes control, it can program this GPIO as output and
drive 1 to release the RESET. The internal pull-down can be override by and external 10kΩ pull-up and a series capacitor to build a sim-
ple delayed power-on reset for evaluation/qualification purposes.
5
I2C pins SCL, SDA are according to I2C standards. They are I2C slave pins which need external pull-up resistors on the PCB. Values of
R1 and R2 in the schematics are given only for indicative purposes and must be re-calculated according to the total capacitive load of all
I2C slave/master devices and operating mode (FM or FM+) of the I2C (chapter 5.4.) in the application.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
11 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com