Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 8Page - Espros Photonics corp EPC635 Datasheet HTML 9Page - Espros Photonics corp EPC635 Datasheet HTML 10Page - Espros Photonics corp EPC635 Datasheet HTML 11Page - Espros Photonics corp EPC635 Datasheet HTML 12Page - Espros Photonics corp EPC635 Datasheet HTML 13Page - Espros Photonics corp EPC635 Datasheet HTML 14Page - Espros Photonics corp EPC635 Datasheet HTML 15Page - Espros Photonics corp EPC635 Datasheet HTML 16Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
'Pin type' in Table 8 defines the following:
■ DI: Digital Input
■ DO: Digital Output
■ DIO: Digital Input/Output (bidirectional)
■ DIOD: Digital Input/Output (bidirectional), open-Drain
■ AI: Analog Input
■ AO: Analog Output
■ AOD: Analog Output, open-Drain
■ PWR: Supply
■ GND: Ground
'Rst. Func.' in Table 8 defines the function of IO pins during reset:
■ I: Input
■ PU: internal Pull-Up
■ PD: internal Pull-Down
■ IPD: Input with internal Pull-Down
'Rst. Level' in Table 8 defines the level of the IO pins during/after
reset (chapter 5.3.)
2.3. Power domain separation and ESD protection
The epc635 chip has internally 7 different power domains and 5 ground references which are interconnected with ESD protection diodes.
All pins are also equipped with ESD protection diodes. The diodes have a breakthrough voltage of 0.3V. The designer has to take care that
none of these diodes become conductive either at power-up, power-down or normal operation.
LED
epc635
XTALIN_CLKIN
XTALOUT
VSS
VSSA
VSSPLL
LEDFB
VSSLED
VSSIO
XSYNC_SAT_CFG
LED2
DATA[7:0]
TDO
TDI
TCK
TMS
SCL
SDA
RESET
SHUTTER
VSYNC_A0
HSYNC_A1
DCLK
MODCLK
PIN44
PIN43
PIN20
PIN21
Figure 7: I/O pins and ESD protection diagram
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
12 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com