Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 61 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 61 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 57Page - Espros Photonics corp EPC635 Datasheet HTML 58Page - Espros Photonics corp EPC635 Datasheet HTML 59Page - Espros Photonics corp EPC635 Datasheet HTML 60Page - Espros Photonics corp EPC635 Datasheet HTML 61Page - Espros Photonics corp EPC635 Datasheet HTML 62Page - Espros Photonics corp EPC635 Datasheet HTML 63Page - Espros Photonics corp EPC635 Datasheet HTML 64Page - Espros Photonics corp EPC635 Datasheet HTML 65Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
7.7. Power saving options
The epc635 has different power consumption depending on its activity level, see chapter 5.10., Power consumption levels. For power criti-
cal applications e.g. battery powered systems, it is possible to enforce the epc635 to go in so-called power saving states.
The different power saving modes and their description are listed in Table 37.
Operating mode
Power
Time
Description
Shutdown
Recovery
[mW]
[ms]
[ms]
INTEGRATION
270
TBD
TBD
Maximum average power consumption during regular 3D TOF operation
READY (Idle)
170
TBD
TBD
Minimum average power consumption during regular 3D TOF operation
SW POWER DOWN
TBD
TBD
TBD
Note: Only during regular READY mode possible.
Power consumption during unnecessary functions where switched-off off
by register commands.
HW POWER DOWN
TBD
TBD
TBD
Power consumption during Pin 55 RESET = 0.
Table 37: Power modes
Table 38 is a help for the electronic designer and list the current consumption versus the power saving level and per supply level.
Current
Description
Mode
Units
INTEGRATION
READY
SW POWER DOWN
HW POWER DOWN
IVDD
Digital supply current
11
9
TBD
TBD
mA
IVDDPLL
PLL supply current
6
6
TBD
TBD
mA
IVDDIO
IO supply current
16
16
TBD
TBD
mA
IVDDA
Analog supply current
33
17
TBD
TBD
mA
IVDDPXH
Pixel analog 2 supply current
2
2
TBD
TBD
mA
IVBS
Bias supply current
-2
-2
TBD
TBD
mA
Table 38: Current consumption during power modes
Is the epc635 during regular operation in the READY state, the SW POWER DOWN mode can be activated by the following command se -
quence listed Table 39.
No. Register
Description
Name
Address
Value
1
Regular 3D TOF operation
2
Power_Control (analog)
0xA5
0x00
Switch off of unnecessary supplies
3
CLK_enables
0x80
0x00
Switch off of unnecessary clocks
4
CFG_Mode_Control
0x7D
0x14
Switch system clock to XTAL clock
5
CFG_Mode_Control
0x7D
0x10
Switch off PLL
6
SW POWER DOWN
7
CFG_Mode_Control
0x7D
0x14
Switch on PLL
8
Wait > 32μs
Wait until PLL stable
9
CFG_Mode_Control
0x7D
0x04
Switch system clock to PLL
10
CLK_enables
0x80
0x3F
Switch on the clocks again
11
Power_Control (analog)
0xA5
0x07
Switch on the supplies again
12
Wait until supplies are stable
13
Regular 3D TOF operation
Table 39: Sequence for the SW POWER DOWN mode
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
61 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com