Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 84 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 84 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 80Page - Espros Photonics corp EPC635 Datasheet HTML 81Page - Espros Photonics corp EPC635 Datasheet HTML 82Page - Espros Photonics corp EPC635 Datasheet HTML 83Page - Espros Photonics corp EPC635 Datasheet HTML 84Page - Espros Photonics corp EPC635 Datasheet HTML 85Page - Espros Photonics corp EPC635 Datasheet HTML 86Page - Espros Photonics corp EPC635 Datasheet HTML 87Page - Espros Photonics corp EPC635 Datasheet HTML 88Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
8.7.6. LED_driver
LED_driver
Mod./demod. registers, SEG1 *: LED driver
0x90
Bit No.
7
6
5
4
3
2
1
0
Bit name
led_drv_sel
led2_en
led_on
reserved
led_drv_en
led_inv_en
led_ssr_en
Operation
RW
Default
1
1
0
0
0
1
0
0
0xC4
led_drv_sel:
LED driver output max. current select e.g. for LED current 200mA
≙ 100%
00:
33%
01:
46%
10:
64%
11: 100%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
I_LED led_drv_sel = 11
I_LED led_drv_sel = 01
I_LED led_drv_sel = 10
I_LED led_drv_sel = 00
VDD_LED (V)
Figure 69: Output characteristic ILED versus VDDLED
Refer for maximum values of VDDLED and ILED to Table 1.
led2_en:
LED2 pin enable
0: disabled (i.e. 0V)
1: enabled
led_on:
LED/LD permanently on (DC) (torch function)
0: off
1: on
led_drv_en:
LED driver internal power enable (independent of the modulator)
0: disable
1: enable
led_inv_en:
LED signal inversion. Inversion of the output levels of the LED signal.
0: disable (signal is active when pin LED = 0, VSSLED)
1: enable (signal is active when pin LED = 1, open-drain)
Note: When led_inv_en = 0: It can directly sink the LED turn-on current without additional external driver.
When led_inv_en = 1: It needs an external pull-up resistor (open-drain) to drive the inverted value for the
external LED drive circuitry.
led_ssr_en:
LED slow slew rate enable.
0: disable
1: enable
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
84 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com