Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC635 Datasheet(PDF) 82 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 82 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 78Page - Espros Photonics corp EPC635 Datasheet HTML 79Page - Espros Photonics corp EPC635 Datasheet HTML 80Page - Espros Photonics corp EPC635 Datasheet HTML 81Page - Espros Photonics corp EPC635 Datasheet HTML 82Page - Espros Photonics corp EPC635 Datasheet HTML 83Page - Espros Photonics corp EPC635 Datasheet HTML 84Page - Espros Photonics corp EPC635 Datasheet HTML 85Page - Espros Photonics corp EPC635 Datasheet HTML 86Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
8.7. Register description: EEPROM Page-0 (0x80 ~ 0xFF)
8.7.1. CLK_enables
CLK_enables
CGU register, SEG0.*: Clock enable
0x80
Bit No.
7
6
5
4
3
2
1
0
Bit name
all_clks_en
mod_clk_sel
reserved
mod_clk_en
dll_clk_en
Operation
RW
Default
0
0
1
1
1
1
1
1
0x3F
CGU clock enable register:
all_clks_en:
Force all clock enables
0: disable
1: enable
mod_clk_sel:
Select modulator clock source
0: mod_clk, from CGU
1: ext_mod_clk, from MODCLK input pin
mod_clk_en:
Modulator clock
0: disable
1: enable
dll_clk_en:
DLL clock
0: disable
1: enable
Note:
sys_clk is always running. It cannot be disabled.
8.7.2. MOD_CLK_divider
MOD_CLK_divider
CGU register, SEG0.*: MOD clock divider
0x85
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
mod_clk_div
Operation
RW
Default
0
0
0
0
0
0
0
0
0x01
mod_clk_div:
Provides the clock to the LED / pixel-field modulator/demodulator circuits, respectively, by integer division of the
PLL clock.
Default = 1: fmod_clk = 80MHz / (mod_clk_div + 1) = 80MHz / 2 = 40MHz
8.7.3. ISOURCE_CLK_divider
ISOURCE_CLK_divider
CGU register, SEG0.*: ISOURCE clock divider
0x88
Bit No.
7
6
5
4
3
2
1
0
Bit name
isource_clk_div
Operation
RW
Default
0
0
0
0
0
0
0
0
0x4F
isource_clk_div:
Used for ADC conversion speed-up. Refer to chapter 5.7.3, Table 14 and Table 15.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
82 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com